Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 106Page - ATMEL Corporation AT90USB646 Datasheet HTML 107Page - ATMEL Corporation AT90USB646 Datasheet HTML 108Page - ATMEL Corporation AT90USB646 Datasheet HTML 109Page - ATMEL Corporation AT90USB646 Datasheet HTML 110Page - ATMEL Corporation AT90USB646 Datasheet HTML 111Page - ATMEL Corporation AT90USB646 Datasheet HTML 112Page - ATMEL Corporation AT90USB646 Datasheet HTML 113Page - ATMEL Corporation AT90USB646 Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 456 page
background image
110
7593L–AVR–09/12
AT90USB64/128
• Bits 5:4 – COM0B1:0: Compare Match Output B mode
These bits control the Output Compare pin (OC0B) behavior. If one or both of the COM0B1:0
bits are set, the OC0B output overrides the normal port functionality of the I/O pin it is connected
to. However, note that the Data Direction Register (DDR) bit corresponding to the OC0B pin
must be set in order to enable the output driver.
When OC0B is connected to the pin, the function of the COM0B1:0 bits depends on the
WGM02:0 bit setting. Table 14-1 shows the COM0A1:0 bit functionality when the WGM02:0 bits
are set to a normal or CTC mode (non-PWM).
Table 14-2 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See “Fast PWM mode” on page 104
for more details.
Table 14-3 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See “Phase correct PWM mode” on
page 106 for more details.
• Bits 3, 2 – Res: Reserved bits
These bits are reserved bits in the Atmel AT90USB64/128 and will always read as zero.
Table 14-4.
Compare Output mode, non-PWM mode.
COM01
COM00
Description
0
0
Normal port operation, OC0B disconnected.
0
1
Toggle OC0B on Compare Match
1
0
Clear OC0B on Compare Match
1
1
Set OC0B on Compare Match
Table 14-5.
Compare Output mode, fast PWM mode
(1).
COM01
COM00
Description
0
0
Normal port operation, OC0B disconnected.
01
Reserved.
1
0
Clear OC0B on Compare Match, set OC0B at TOP.
1
1
Set OC0B on Compare Match, clear OC0B at TOP.
Table 14-6.
Compare Output mode, phase correct PWM mode (1).
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0B disconnected.
01
Reserved.
10
Clear OC0B on Compare Match when up-counting. Set OC0B on Compare
Match when down-counting.
11
Set OC0B on Compare Match when up-counting. Clear OC0B on Compare
Match when down-counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com