Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 158 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 154Page - ATMEL Corporation AT90USB646 Datasheet HTML 155Page - ATMEL Corporation AT90USB646 Datasheet HTML 156Page - ATMEL Corporation AT90USB646 Datasheet HTML 157Page - ATMEL Corporation AT90USB646 Datasheet HTML 158Page - ATMEL Corporation AT90USB646 Datasheet HTML 159Page - ATMEL Corporation AT90USB646 Datasheet HTML 160Page - ATMEL Corporation AT90USB646 Datasheet HTML 161Page - ATMEL Corporation AT90USB646 Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 456 page
background image
158
7593L–AVR–09/12
AT90USB64/128
Table 16-5 shows the COM2B1:0 bit functionality when the WGM22:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR2B equals TOP and COM2B1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See “Fast PWM mode” on page 151
for more details.
Table 16-6 shows the COM2B1:0 bit functionality when the WGM22:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR2B equals TOP and COM2B1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See “Phase correct PWM mode” on
page 153 for more details.
• Bits 3, 2 – Res: Reserved bits
These bits are reserved bits in the Atmel AT90USB64/128 and will always read as zero.
• Bits 1:0 – WGM21:0: Waveform Generation mode
Combined with the WGM22 bit found in the TCCR2B Register, these bits control the counting
sequence of the counter, the source for maximum (TOP) counter value, and what type of wave-
form generation to be used, see Table 16-7. Modes of operation supported by the Timer/Counter
unit are: Normal mode (counter), Clear Timer on Compare Match (CTC) mode, and two types of
Pulse Width Modulation (PWM) modes (see “Modes of operation” on page 150).
Table 16-5.
Compare Output mode, fast PWM mode (1).
COM2B1
COM2B0
Description
0
0
Normal port operation, OC2B disconnected.
01
Reserved
1
0
Clear OC2B on Compare Match, set OC2B at TOP
1
1
Set OC2B on Compare Match, clear OC2B at TOP
Table 16-6.
Compare Output mode, phase correct PWM mode (1).
COM2B1
COM2B0
Description
0
0
Normal port operation, OC2B disconnected
01
Reserved
10
Clear OC2B on Compare Match when up-counting. Set OC2B on Compare
Match when down-counting
11
Set OC2B on Compare Match when up-counting. Clear OC2B on Compare
Match when down-counting
Table 16-7.
Waveform Generation mode bit description.
Mode
WGM2
WGM1
WGM0
Timer/Counter
mode of operation
TOP
Update of
OCRx at
TOV flag
set on
(1)(2)
0
0
0
0
Normal
0xFF
Immediate
MAX
1
0
0
1
PWM, phase correct
0xFF
TOP
BOTTOM
2
0
1
0
CTC
OCRA
Immediate
MAX
3
0
1
1
Fast PWM
0xFF
TOP
MAX
4
100
Reserved
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com