Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 225 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 221Page - ATMEL Corporation AT90USB646 Datasheet HTML 222Page - ATMEL Corporation AT90USB646 Datasheet HTML 223Page - ATMEL Corporation AT90USB646 Datasheet HTML 224Page - ATMEL Corporation AT90USB646 Datasheet HTML 225Page - ATMEL Corporation AT90USB646 Datasheet HTML 226Page - ATMEL Corporation AT90USB646 Datasheet HTML 227Page - ATMEL Corporation AT90USB646 Datasheet HTML 228Page - ATMEL Corporation AT90USB646 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 456 page
background image
225
7593L–AVR–09/12
AT90USB64/128
21.8
Transmission modes
The TWI can operate in one of four major modes. These are named Master Transmitter (MT),
Master Receiver (MR), Slave Transmitter (ST) and Slave Receiver (SR). Several of these
modes can be used in the same application. As an example, the TWI can use MT mode to write
data into a TWI EEPROM, MR mode to read the data back from the EEPROM. If other masters
are present in the system, some of these might transmit data to the TWI, and then SR mode
would be used. It is the application software that decides which modes are legal.
The following sections describe each of these modes. Possible status codes are described
along with figures detailing data transmission in each of the modes. These figures contain the
following abbreviations:
3
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, START
brne
ERROR
if
((TWSR & 0xF8) != START)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from START go to
ERROR
ldi
r16, SLA_W
out
TWDR, r16
ldi
r16, (1<<TWINT) |
(1<<TWEN)
out
TWCR, r16
TWDR = SLA_W;
TWCR = (1<<TWINT) |
(1<<TWEN);
Load SLA_W into TWDR
Register. Clear TWINT bit in
TWCR to start transmission of
address
4
wait2:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait2
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT Flag set. This
indicates that the SLA+W has
been transmitted, and
ACK/NACK has been received.
5
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, MT_SLA_ACK
brne
ERROR
if
((TWSR & 0xF8) !=
MT_SLA_ACK)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from
MT_SLA_ACK go to ERROR
ldi
r16, DATA
out
TWDR, r16
ldi
r16, (1<<TWINT) |
(1<<TWEN)
out
TWCR, r16
TWDR = DATA;
TWCR = (1<<TWINT) |
(1<<TWEN);
Load DATA into TWDR Register.
Clear TWINT bit in TWCR to
start transmission of data
6
wait3:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait3
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT Flag set. This
indicates that the DATA has been
transmitted, and ACK/NACK has
been received.
7
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, MT_DATA_ACK
brne
ERROR
if
((TWSR & 0xF8) !=
MT_DATA_ACK)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from
MT_DATA_ACK go to ERROR
ldi
r16,
(1<<TWINT)|(1<<TWEN)|
(1<<TWSTO)
out
TWCR, r16
TWCR = (1<<TWINT)|(1<<TWEN)|
(1<<TWSTO);
Transmit STOP condition
(Continued)
Assembly code example
C example
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com