| Electronic Components Datasheet Search |
|
PCF8536AT Datasheet(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Datasheet(HTML) 34 Page - NXP Semiconductors |
|
34 / 74 page ![]() PCF8536 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 21 February 2012 34 of 74 NXP Semiconductors PCF8536 Universal LCD low multiplex driver with 6 channel PWM generator 8.6 Display register The display register holds the display data while the corresponding multiplex signals are generated. 8.7 Backplane outputs The LCD drive section includes eight backplane outputs: BP0 to BP7. The backplane output signals are generated based on the selected LCD multiplex drive mode. • In 1:8 multiplex drive mode: BP0 to BP7 must be connected directly to the LCD. • In 1:6 multiplex drive mode: BP0 to BP5 must be connected directly to the LCD. • In 1:4 multiplex drive mode: BP0 to BP3 must be connected directly to the LCD. 8.8 Segment outputs The LCD drive section includes up to 44 segment outputs (S0 to S43) which must be connected directly to the LCD. The segment output signals are generated based on the multiplexed backplane signals and with data resident in the display register. When less segment outputs are required, the unused segment outputs must be left open-circuit. The number of available segments depends on the multiplex drive mode selected and the number of GPOs used. The table shows consecutive GPOs selected, but this is just for simplicity of explanation. Any combination of GPOs may be used. Table 32. Backplane and active segment combinations Basic examples. GPO pins may be configured in any combination. Other LCD segment and GPO combinations are possible. Multiplex drive mode Active BPs Active GPOs None GP0 only GP0 to GP1 GP0 to GP2 GP0 to GP3 GP0 to GP4 GP0 to GP5 1:8 BP0 to BP7 S0 to S39 S1 to S39 S2 to S39 S3 to S39 S4 to S39 S5 to S39 S6 to S39 1:6 BP0 to BP5 S0 to S41 S1 to S41 S2 to S41 S3 to S41 S4 to S41 S5 to S41 S6 to S41 1:4 BP0 to BP3 S0 to S43 S1 to S43 S2 to S43 S3 to S43 S4 to S43 S5 to S43 S6 to S43 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |