| Electronic Components Datasheet Search |
|
PCF8536AT Datasheet(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Datasheet(HTML) 47 Page - NXP Semiconductors |
|
47 / 74 page ![]() PCF8536 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 21 February 2012 47 of 74 NXP Semiconductors PCF8536 Universal LCD low multiplex driver with 6 channel PWM generator 9.2.1 Bit transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as a control signal (see Figure 32). 9.2.2 START and STOP conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW change of the data line, while the clock is HIGH, is defined as the START condition (S). A LOW-to-HIGH change of the data line, while the clock is HIGH, is defined as the STOP condition (P). The START and STOP conditions are shown in Figure 33. 9.2.3 System configuration A device generating a message is a transmitter, a device receiving a message is the receiver. The device that controls the message is the master and the devices which are controlled by the master are the slaves. The system configuration is shown in Figure 34. Fig 32. Bit transfer mba607 data line stable; data valid change of data allowed SDA SCL Fig 33. Definition of START and STOP conditions mbc622 SDA SCL P STOP condition SDA SCL S START condition Fig 34. System configuration mga807 SDA SCL MASTER TRANSMITTER/ RECEIVER MASTER TRANSMITTER SLAVE TRANSMITTER/ RECEIVER SLAVE RECEIVER MASTER TRANSMITTER/ RECEIVER |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |