Electronic Components Datasheet Search
  English  ▼

X  

PCF8536AT Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8536AT
Description  Universal LCD driver for low multiplex rates including a 6 channel PWM generator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 12Page - NXP Semiconductors PCF8536AT Datasheet HTML 13Page - NXP Semiconductors PCF8536AT Datasheet HTML 14Page - NXP Semiconductors PCF8536AT Datasheet HTML 15Page - NXP Semiconductors PCF8536AT Datasheet HTML 16Page - NXP Semiconductors PCF8536AT Datasheet HTML 17Page - NXP Semiconductors PCF8536AT Datasheet HTML 18Page - NXP Semiconductors PCF8536AT Datasheet HTML 19Page - NXP Semiconductors PCF8536AT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
PCF8536
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 February 2012
16 of 74
NXP Semiconductors
PCF8536
Universal LCD low multiplex driver with 6 channel PWM generator
[1]
Default value.
8.1.7 Command: set-MUX-mode
The multiplex drive mode is configured with the bits described in Table 18.
[1]
Default value.
8.1.8 Command: set-bias-mode
The set-bias-mode command allows setting the bias level.
[1]
Default value.
8.1.9 Command: frame-frequency-LCD
With the frame-frequency-LCD command, the frame frequency for the display can be
configured. The clock frequency determines the frame frequency.
The system is designed for a 230 kHz clock. It is either internally generated or externally
provided. Alternatively a 9.6 kHz clock signal can be provided as well. The EFR bit (see
Table 10) has to be set according to the external clock frequency.
When EFR is set to 9.6 kHz, then the LCD frame frequency is calculated with Equation 1:
(1)
Table 17.
GPMO mode definition
GPM0[1:0] to GPM5[1:0]
Mode
Description
00[1], 01
LCD
output is an LCD segment
10
static
output is static GPO
11
PWM
output is PWM GPO
Table 18.
Set-MUX-mode - set multiplex drive mode command bit description
Bit
Symbol
Value
Description
7 to 2
-
000000
fixed value
1 to 0
M[1:0]
00[1], 01
1:8 multiplex drive mode; eight backplanes
10
1:6 multiplex drive mode; 6 backplanes
11
1:4 multiplex drive mode; 4 backplanes
Table 19.
Set-bias-mode - set bias mode command bit description
Bit
Symbol
Value
Description
7 to 2
-
000001
fixed value
1 to 0
B[1:0]
00[1]. 01
1⁄4 bias
11
1⁄3 bias
10
1⁄2 bias
Table 20.
Frame-frequency-LCD - frame frequency and output clock frequency command
bit description
Bit
Symbol
Value
Description
7 to 5
-
001
fixed value
4 to 0
FD[4:0]
see Table 21
frequency prescaler
f
fr LCD

f
clk ext

48
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com