Electronic Components Datasheet Search
  English  ▼

X  

PCF8536AT Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF8536AT
Description  Universal LCD driver for low multiplex rates including a 6 channel PWM generator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 42Page - NXP Semiconductors PCF8536AT Datasheet HTML 43Page - NXP Semiconductors PCF8536AT Datasheet HTML 44Page - NXP Semiconductors PCF8536AT Datasheet HTML 45Page - NXP Semiconductors PCF8536AT Datasheet HTML 46Page - NXP Semiconductors PCF8536AT Datasheet HTML 47Page - NXP Semiconductors PCF8536AT Datasheet HTML 48Page - NXP Semiconductors PCF8536AT Datasheet HTML 49Page - NXP Semiconductors PCF8536AT Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
PCF8536
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 February 2012
46 of 74
NXP Semiconductors
PCF8536
Universal LCD low multiplex driver with 6 channel PWM generator
9.
Bus interfaces
9.1 Control byte and register selection
After initiating the communication over the bus and sending the slave address (I2C-bus,
see Section 9.2) or subaddress (SPI-bus, see Section 9.3), a control byte follows. The
purpose of this byte is to indicate both, the content for the following data bytes (RAM,
command, or PWM data) and to indicate that more control bytes will follow.
Typical sequences could be:
• Slave address/subaddress - control byte - command byte - command byte - command
byte - end
• Slave address/subaddress - control byte - RAM byte - RAM byte - RAM byte - end
• Slave address/subaddress - control byte - command byte - control byte - RAM byte -
end
In this way, it is possible to send a mixture of RAM, PWM and command data in one
access or alternatively, to send just one type of data in one access.
9.2 I2C-bus interface
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both lines must
be connected to a positive supply via a pull-up resistor when connected to the output
stages of a device. Data transfer may be initiated only when the bus is not busy.
Table 36.
Control byte description
Bit
Symbol
Value
Description
7CO
continue bit
0
last control byte
1
control bytes continue
6 to 5
RS[1:0]
register selection
00
command register
01
RAM data
10
PWM data
11
unused
4 to 0
-
-
unused
Fig 31. Control byte format
013aaa461
not relevant
CO
76
5
4
3
2
1
0
RS[1:0]
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com