Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 8 Page - Linear Technology

Part # B130
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B130 Datasheet(HTML) 8 Page - Linear Technology

Back Button B130 Datasheet HTML 4Page - Linear Technology B130 Datasheet HTML 5Page - Linear Technology B130 Datasheet HTML 6Page - Linear Technology B130 Datasheet HTML 7Page - Linear Technology B130 Datasheet HTML 8Page - Linear Technology B130 Datasheet HTML 9Page - Linear Technology B130 Datasheet HTML 10Page - Linear Technology B130 Datasheet HTML 11Page - Linear Technology B130 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3474/LT3474-1
8
3474fd
APPLICATIONS INFORMATION
Operation
The LT3474 is a constant frequency, current mode regula-
tor with an internal power switch capable of generating
a constant 1A output. Operation can be best understood
by referring to the Block Diagram.
If the SHDN pin is tied to ground, the LT3474 is shut
down and draws minimal current from the input source
tied to VIN. If the SHDN pin exceeds 1.5V, the internal bias
circuits turn on, including the internal regulator, reference,
and oscillator. The switching regulator will only begin to
operate when the SHDN pin exceeds 2.65V.
The switcher is a current mode regulator. Instead of directly
modulating the duty cycle of the power switch, the feedback
loop controls the peak current in the switch during each
cycle. Compared to voltage mode control, current mode
control improves loop dynamics and provides cycle-by-
cycle current limit.
A pulse from the oscillator sets the RS flip-flop and turns
on the internal NPN bipolar power switch. Current in the
switch and the external inductor begins to increase. When
this current exceeds a level determined by the voltage at
VC, current comparator C1 resets the flip-flop, turning
off the switch. The current in the inductor flows through
the external Schottky diode and begins to decrease. The
cycle begins again at the next pulse from the oscillator.
In this way, the voltage on the VC pin controls the current
through the inductor to the output. The internal error
amplifier regulates the output current by continually
adjusting the VC pin voltage. The threshold for switching
on the VC pin is 0.8V, and an active clamp of 1.9V limits
the output current.
The voltage on the VADJ pin sets the current through the
LED pin. The NPN Q2 pulls a current proportional to the
voltage on the VADJ pin through the 100Ω resistor. The
gm amplifier servos the VC pin to set the current through
the 0.1Ω resistor and the LED pin. When the voltage drop
across the 0.1Ω resistor is equal to the voltage drop across
the 100Ω resistor, the servo loop is balanced.
Tying the REF pin to the VADJ pin sets the LED pin current
to 1A. Tying a resistor divider to the REF pin allows the
programming of LED pin currents of less than 1A. LED
pin current can also be programmed by tying the VADJ pin
directly to a voltage source up to 1.25V.
An LED can be dimmed with pulse width modulation us-
ing the PWM pin and an external NFET. If the PWM pin is
unconnected or pulled high, the part operates nominally.
If the PWM pin is pulled low, the VC pin is disconnected
from the internal circuitry and draws minimal current from
the compensation capacitor. Circuitry drawing current from
the OUT pin is also disabled. This way, the VC pin and the
output capacitor store the state of the LED pin current
until PWM is pulled high again. This leads to a highly
linear relationship between pulse width and output light,
allowing for a large and accurate dimming range.
The RT pin allows programming of the switching frequency.
For applications requiring the smallest external components
possible, a fast switching frequency can be used. If very
low or very high input voltages are required, a slower
switching frequency can be programmed.
During startup VOUT will be at a low voltage. The NPN Q2
can only operate correctly with sufficient voltage at VOUT,
around 1.7V. A comparator senses VOUT and forces the VC
pin high until VOUT rises above 2V, and Q2 is operating
correctly.
The switching regulator performs frequency foldback dur-
ing overload conditions. An amplifier senses when VOUT is
less than 2V and begins decreasing the oscillator frequency
down from full frequency to 20% of the nominal frequency
when VOUT = 0V. The OUT pin is less than 2V during startup,
short circuit, and overload conditions. Frequency foldback
helps limit switch current under these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com