Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 15 Page - Linear Technology

Part # B130
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B130 Datasheet(HTML) 15 Page - Linear Technology

Back Button B130 Datasheet HTML 11Page - Linear Technology B130 Datasheet HTML 12Page - Linear Technology B130 Datasheet HTML 13Page - Linear Technology B130 Datasheet HTML 14Page - Linear Technology B130 Datasheet HTML 15Page - Linear Technology B130 Datasheet HTML 16Page - Linear Technology B130 Datasheet HTML 17Page - Linear Technology B130 Datasheet HTML 18Page - Linear Technology B130 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3474/LT3474-1
15
3474fd
APPLICATIONS INFORMATION
BOOST and BIAS Pin Considerations
The capacitor and internal diode tied to the BOOST pin
generate a voltage that is higher than the input voltage.
In most cases, a 0.22μF capacitor will work well. Figure 4
shows three ways to arrange the boost circuit. The BOOST
pin must be more than 2.5V above the SW pin for full ef-
ficiency. For outputs of 2.8V or higher, the standard circuit
(Figure 4a) is best. For lower output voltages, the BIAS pin
can be tied to the input (Figure 4b). The circuit in Figure
4a is more efficient because the BOOST pin current comes
from a lower voltage source. The BIAS pin can be tied to
another source that is at least 3V (Figure 4c). For example,
if a 3.3V source is on whenever the LED is on, the BIAS
pin can be connected to the 3.3V output. For LT3474-1
applications with higher output voltages, an additional
Zener diode may be necessary (Figure 4d) to maintain the
BOOST pin voltage below the absolute maximum. In any
case, be sure that the maximum voltage at the BOOST pin
is both less than 51V and the voltage difference between
the BOOST and SW pins is less than 25V.
Programming LED Current
The LED current can be set by adjusting the voltage on
the VADJ pin. For a 1A LED current, either tie VADJ to REF
or to a 1.25V source. For lower output currents, program
the VADJ using the following formula:
I
LED =
1A • V
ADJ
1.25V
Voltages less than 1.25V can be generated with a voltage
divider from the REF pin, as shown in Figure 5.
Figure 4. Generating the Boost Voltage
REF
VADJ
GND
LT3474
3474 F04
R1
R2
Figure 5. Setting VADJ with a Resistor Divider
In order to have accurate LED current, precision resistors
are preferred (1% or better is recommended). Note that
the VADJ pin sources a small amount of bias current, so
use the following formula to choose resistors:
R
V
VV
R
nA
ADJ
ADJ
2
125
1
50
=
+
.–
BIAS
VIN
3474 F04c
BOOST
VIN
VIN2 > 3V
SW
GND
LT3474
(4c)
VBOOST – VSW ≈ VIN2
MAX VBOOST ≈ VIN2 + VIN
MINIMUM VALUE FOR VIN2 = 3V
VOUT
C3
BIAS
VIN
3474 F04b
BOOST
VIN
SW
GND
LT3474
(4b)
VBOOST – VSW ≈ VIN
MAX VBOOST ≈ 2VIN
VOUT
C3
BIAS
VIN
3474 F04a
BOOST
VIN
SW
GND
LT3474
(4a)
VBOOST – VSW ≈ VOUT
MAX VBOOST ≈ VIN + VOUT
VOUT
C3
BIAS
VIN
3474 F04d
BOOST
VIN
SW
GND
LT3474
(4d)
VBOOST – VSW ≈ VOUT –VZ
MAX VBOOST ≈ VIN + VOUT –VZ
VOUT
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com