Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 16 Page - Linear Technology

Part # B130
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B130 Datasheet(HTML) 16 Page - Linear Technology

Back Button B130 Datasheet HTML 12Page - Linear Technology B130 Datasheet HTML 13Page - Linear Technology B130 Datasheet HTML 14Page - Linear Technology B130 Datasheet HTML 15Page - Linear Technology B130 Datasheet HTML 16Page - Linear Technology B130 Datasheet HTML 17Page - Linear Technology B130 Datasheet HTML 18Page - Linear Technology B130 Datasheet HTML 19Page - Linear Technology B130 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3474/LT3474-1
16
3474fd
APPLICATIONS INFORMATION
To minimize the error from variations in VADJ pin current,
use resistors with a parallel resistance of less than 4k. Use
resistors with a series resistance of 5.11k or greater so as
not to exceed the 250μA current limit on the REF pin.
Dimming Control
There are several different types of dimming control cir-
cuits. One dimming control circuit (Figure 6) changes the
voltage on the VADJ pin by tying a low on-resistance FET to
the resistor divider string. This allows the selection of two
different LED currents. For reliable operation, program an
LED current of no less than 35mA. The maximum current
dimming ratio (IRATIO) can be calculated from the maxi-
mum LED current (IMAX) and the minimum LED current
(IMIN) as follows:
I
I
I
MAX
MIN
RATIO
=
Another dimming control circuit (Figure 7) uses the PWM
pin and an external NFET tied to the cathode of the LED.
When the PWM signal goes low, the NFET turns off, turn-
ing off the LED and leaving the output capacitor charged.
The PWM pin is pulled low as well, which disconnects the
VC pin, storing the voltage in the capacitor tied there. Use
the C-RC string (tied to the VC pin) shown in Figure 7 for
proper operation during start-up. When the PWM pin goes
high again, the LED current returns rapidly to its previous
on state since the compensation and output capacitors are
at the correct voltage. This fast settling time allows The
LT3474 to maintain diode current regulation with PWM
pulse widths as short as 40μs. If the NFET is omitted and
the cathode of the LED is instead tied to GND, use PWM
pulse widths of 1ms or greater. The maximmum PWM
dimming ratio (PWMRATIO) can be calculated from the
maximum PWM period (tMAX) and minimum PWM pulse
width (tMIN) as follows:
t
t
PWM
MAX
MIN
RATIO
=
Total dimming ratio (DIMRATIO) is the product of the PWM
dimming ratio and the current dimming ratio.
Example: IMAX = 1A, IMIN = 0.1A, tMAX = 12ms, tMIN = 40μs
I
RATIO =
1A
0.1A
=10:1
PWM
RATIO =
12ms
40μs
= 300:1
DIM
RATIO = 10 • 300 = 3000 :1
REF
VADJ
GND
LT3474
3474 F05
R1
R2
DIM
Figure 6. Dimming with an NFET and Resistor Divider
PWM
LED
10k
3.3nF
GND
LT3474
3474 F06
PWM
60Hz TO
10kHz
0.1μF
Figure 7. Dimming Using PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com