Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 20 Page - Linear Technology

Part # B130
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B130 Datasheet(HTML) 20 Page - Linear Technology

Back Button B130 Datasheet HTML 12Page - Linear Technology B130 Datasheet HTML 13Page - Linear Technology B130 Datasheet HTML 14Page - Linear Technology B130 Datasheet HTML 15Page - Linear Technology B130 Datasheet HTML 16Page - Linear Technology B130 Datasheet HTML 17Page - Linear Technology B130 Datasheet HTML 18Page - Linear Technology B130 Datasheet HTML 19Page - Linear Technology B130 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3474/LT3474-1
20
3474fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 1008 REV D • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant Current, 1.4MHz, 1.5A Boost Converter
VIN: 1.6V to 18V, VOUT(MAX) = 36V, IQ = 1.8mA, ISD = <1μA,
MS10 Package
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MAX) = 1.20V, IQ = 2.5mA, ISD = 25μA,
TSSOP16/E Packages
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MAX) = 1.20V, IQ = 2.5mA, ISD = 25μA,
TSSOP16/E Packages
LT1961
1.5A (ISW), 1.25MHz, High Efficiency Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX) = 35V, IQ = 0.9mA, ISD = 6μA,
MS8E Package
LT1976/LT1977
60V, 1.2A (IOUT), 200kHz/500kHz, High Efficiency Step-Down
DC/DC Converters with BurstMode® Operation
VIN: 3.3V to 60V, VOUT(MAX) = 1.20V, IQ = 100μA, ISD = <1μA,
TSSOP16E Package
LT3430/LT3431
60V, 2.5A (IOUT), 200kHz, High Efficiency Step-Down DC/DC Converters VIN: 5.5V to 60V, VOUT(MAX) = 1.20V, IQ = 2.5μA,
ISD = <25μA, TSSOP16/E Packages
LT3433
60V, 400mA (IOUT), 200kHz, High Efficiency Step-Up/Step-Down
DC/DC Converters with Burst Mode Operation
VIN: 4V to 60V, VOUT: 3.3V to 20V, IQ = 100μA,
ISD = <1μA, TSSOP16E Package
LT3434/LT3435
60V, 2.5A (IOUT), 200kHz/500kHz, High Efficiency Step-Down
DC/DC Converters with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MAX) = 1.20V, IQ = 100μA, ISD = <1μA,
TSSOP16E Package
LTC3453
1MHz, 800mA Synchronous Buck-Boost High Power LED Driver
VIN: 2.7V to 5.5V, VOUT(MAX) = 5.5V, IQ = 2.5mA, ISD = <6μA,
QFN Package
LT3467/LT3467A 1.1A (ISW), 1.3MHz/2.1MHz, High Efficiency Step-Up DC/DC Converters
with Integrated Soft-Start
VIN: 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD = <1μA,
ThinSOT™ Package
LT3477
3A, 42V, 3MHz Step-Up Regulator with Dual Rail to Rail Current Sense VIN: 2.5V to 2.5V, VOUT(MAX) = 40V, IQ = 5mA, ISD = <1μA,
QFN, TSSOP16E Packages
LT3479
3A, Full Featured DC/DC Converter with Soft-Start and Inrush
Current Protection
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 6.5mA, ISD = <1μA,
DFN and TSSOP Packages
Burst Mode is a registered trademark of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
VIN
BIAS
OUT
LED
PWM
LT3474-1
C4
0.1μF
VIN
21V TO
36V
C2
2.2μF
25V
R2
10k
R3
100k
1A LED
CURRENT
fSW = 500kHz
12V TO 18V
LED VOLTAGE
C3
0.22μF
16V
D1
D3
Q1
D2
L1
47μH
3474 TA02a
R1
80.6k
SHDN
REF
BOOST
SW
VADJ
RT
VC
GND
C1
2.2μF
50V
D1: MBRM 140
D2: 7.5V Zener Diode
D3: 22V Zener Diode
Q1: MMBT3904
C1 TO C3: X5R OR X7R
Step-Down 1A LED Driver with Four Series Connected LED Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com