Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 17 Page - Linear Technology

Part # B130
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B130 Datasheet(HTML) 17 Page - Linear Technology

Back Button B130 Datasheet HTML 12Page - Linear Technology B130 Datasheet HTML 13Page - Linear Technology B130 Datasheet HTML 14Page - Linear Technology B130 Datasheet HTML 15Page - Linear Technology B130 Datasheet HTML 16Page - Linear Technology B130 Datasheet HTML 17Page - Linear Technology B130 Datasheet HTML 18Page - Linear Technology B130 Datasheet HTML 19Page - Linear Technology B130 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT3474/LT3474-1
17
3474fd
APPLICATIONS INFORMATION
LED Voltage Range
The LT3474 can drive LED voltages from 2.4V to 12V. The
LT3474-1 can drive LED voltages from 2.4V to 30V. Be
careful not to exceed the ABSMAX rating of the OUT, LED,
or BOOST pins of the LT3474-1 since the internal output
clamp is disabled. See the Typical Application section for
an example of adding an external output clamp. If the
LED voltage can drift below 2.4V due to temperature or
component variation, add extra series resistance to bring
the overall voltage above 2.4V.
Layout Hints
As with all switching regulators, careful attention must
be paid to the PCB layout and component placement. To
maximize efficiency, switch rise and fall times are made
VIN
GND
SHDN
PWM
VIA TO LOCAL GND PLANE
VIA TO OUT
Figure 8. Recommended Component Placement
as short as possible. To prevent electromagnetic interfer-
ence (EMI) problems, proper layout of the high frequency
switching path is essential. The voltage signal of the SW
and BOOST pins have sharp rise and fall edges. Minimize
the area of all traces connected to the BOOST and SW
pins and always use a ground plane under the switching
regulator to minimize interplane coupling. In addition, the
ground connection for frequency setting resistor RT (refer
to Figure 1) should be tied directly to the GND pin and
not shared with any other component, ensuring a clean,
noise-free connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com