Electronic Components Datasheet Search
  English  ▼

X  

LTC1735CF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1735CF
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1735CF Datasheet HTML 7Page - Linear Technology LTC1735CF Datasheet HTML 8Page - Linear Technology LTC1735CF Datasheet HTML 9Page - Linear Technology LTC1735CF Datasheet HTML 10Page - Linear Technology LTC1735CF Datasheet HTML 11Page - Linear Technology LTC1735CF Datasheet HTML 12Page - Linear Technology LTC1735CF Datasheet HTML 13Page - Linear Technology LTC1735CF Datasheet HTML 14Page - Linear Technology LTC1735CF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC1735
1735fc
INTVCC/EXTVCC POWER
Power for the top and bottom MOSFET drivers and most
of the internal circuitry of the LTC1735 is derived from the
INTVCC pin. When the EXTVCC pin is left open, an internal
5.2V low dropout regulator supplies the INTVCC power
from VIN. If EXTVCC is raised above 4.7V, the internal
regulator is turned off and an internal switch connects
EXTVCC to INTVCC. This allows a high efficiency source,
such as the primary or a secondary output of the converter
itself, to provide the INTVCC power. Voltages up to 7V can
be applied to EXTVCC for additional gate drive capability.
To provide clean start-up and to protect the MOSFETs,
undervoltage lockout is used to keep both MOSFETs off
until the input voltage is above 3.5V.
PGOOD (LTC1735F Only)
A window comparator monitors the output voltage and its
open-drain output is pulled low when the divided down
output voltage is not within
±7.5% of the reference voltage
of 0.8V.
OPERATIO
(Refer to Functional Diagram)
APPLICATIO S I FOR ATIO
The basic LTC1735 application circuit is shown in Figure 1
on the first page. External component selection is driven
by the load requirement and begins with the selection of
RSENSE. Once RSENSE is known, COSC and L can be chosen.
Next, the power MOSFETs and D1 are selected. The
operating frequency and the inductor are chosen based
largely on the desired amount of ripple current. Finally, CIN
is selected for its ability to handle the large RMS current
into the converter and COUT is chosen with low enough
ESR to meet the output voltage ripple and transient speci-
fications. The circuit shown in Figure 1 can be configured
for operation up to an input voltage of 28V (limited by the
external MOSFETs).
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
The LTC1735 current comparator has a maximum thresh-
old of 75mV/RSENSE and an input common mode range of
SGND to 1.1(INTVCC). The current comparator threshold
sets the peak of the inductor current, yielding a maximum
average output current IMAX equal to the peak value less
half the peak-to-peak ripple current,
∆IL.
Allowing a margin for variations in the LTC1735 and
external component values yields:
R
mV
I
SENSE
MAX
=
50
COSC Selection for Operating Frequency and
Synchronization
The choice of operating frequency and inductor value is a
trade-off between efficiency and component size. Low
frequency operation improves efficiency by reducing
MOSFET switching losses, both gate charge loss and
transition loss. However, lower frequency operation re-
quires more inductance for a given amount of ripple
current.
The LTC1735 uses a constant frequency architecture with
the frequency determined by an external oscillator capaci-
tor COSC. Each time the topside MOSFET turns on, the
voltage on COSC is reset to ground. During the on-time,
COSC is charged by a fixed current. When the voltage on the
capacitor reaches 1.19V, COSC is reset to ground. The
process then repeats.
The value of COSC is calculated from the desired operating
frequency assuming no external clock input on the FCB
pin:
CpF
Frequency
OSC()
.(
)
–
=
161 10
11
7
A graph for selecting COSC versus frequency is shown in
Figure 2. The maximum recommended switching fre-
quency is 550kHz .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com