Electronic Components Datasheet Search
  English  ▼

X  

LTC1735CF Datasheet(PDF) 31 Page - Linear Technology

Part # LTC1735CF
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CF Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC1735CF Datasheet HTML 24Page - Linear Technology LTC1735CF Datasheet HTML 25Page - Linear Technology LTC1735CF Datasheet HTML 26Page - Linear Technology LTC1735CF Datasheet HTML 27Page - Linear Technology LTC1735CF Datasheet HTML 28Page - Linear Technology LTC1735CF Datasheet HTML 29Page - Linear Technology LTC1735CF Datasheet HTML 30Page - Linear Technology LTC1735CF Datasheet HTML 31Page - Linear Technology LTC1735CF Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
LTC1735
1735fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S Package
16-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
PACKAGE DESCRIPTION
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
F Package
20-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1650)
F20 TSSOP 0502
0.09 – 0.20
(.0036 – .0079)
0
° – 8°
0.45 – 0.75
(.018 – .030)
4.30 – 4.50**
(.169 – .177)
1.10
(.0433)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
0.195 – 0.30
(.0077 – .0118)
6.40
BSC
13
4
5
6 7 89 10
11
12
14 13
6.40 – 6.60*
(.252 – .260)
20 19 18 17 16 15
2
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
*
**
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
RECOMMENDED SOLDER PAD LAYOUT
0.45
±0.05
0.65 TYP
4.50
±0.10
6.60
±0.10
1.05
±0.10
GN16 (SSOP) 0502
.016 – .050
(0.406 – 1.270)
.015
± .004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
.007 – .0098
(0.178 – 0.249)
.053 – .068
(1.351 – 1.727)
.008 – .012
(0.203 – 0.305)
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
12
3
4
5
6
7
8
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16 15 14 13
.189 – .196*
(4.801 – 4.978)
12 11 10 9
.009
(0.229)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 TYP
.0165
±.0015
.045
±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
.008 – .010
(0.203 – 0.254)
1
N
2
3
4
5
6
7
8
N/2
.150 – .157
(3.810 – 3.988)
NOTE 3
16
15
14
13
.386 – .394
(9.804 – 10.008)
NOTE 3
.228 – .244
(5.791 – 6.197)
12
11
10
9
S16 0502
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
.245
MIN
N
12
3
N/2
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com