Electronic Components Datasheet Search
  English  ▼

X  

LTC1735CF Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1735CF
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CF Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1735CF Datasheet HTML 24Page - Linear Technology LTC1735CF Datasheet HTML 25Page - Linear Technology LTC1735CF Datasheet HTML 26Page - Linear Technology LTC1735CF Datasheet HTML 27Page - Linear Technology LTC1735CF Datasheet HTML 28Page - Linear Technology LTC1735CF Datasheet HTML 29Page - Linear Technology LTC1735CF Datasheet HTML 30Page - Linear Technology LTC1735CF Datasheet HTML 31Page - Linear Technology LTC1735CF Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1735
1735fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1998
LT/TP 0104 REV C 1K • PRINTED IN USA
TYPICAL APPLICATIO
3.3V to 2.5V/5A Converter with External Clock Synchronization Operating at 500kHz
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CB
0.1
µF
0.1
µF
CC2
51pF
47pF
CC
330pF
RC
33k
RSENSE
0.01
Ω
VOUT
2.5V
5A
1000pF
COSC
20pF
+
4.7
µF
+
COUT
100
µF
10V
AVX
×3
M1
Si4410DY
M2
Si4410DY
47pF
1735 TA06
+
CIN
100
µF
10V
OS-CON
DB
CMDSH-3
R2
43.2k
1%
CIN: SANYO OS-CON 10SL100M
COUT: AVX TPSD107M010R0065
L1: COILCRAFT DO3316P-152
RSENSE: IRC LR2010-01-R010-F
R1
20k
1%
MBRS140T3
VIN
3.3V
5V
L1
1.5
µH
SGND
EXT
CLOCK
500kHz
PART NUMBER
DESCRIPTION
COMMENTS
LTC1530
High Power Step-Down Synchronous DC/DC Controller
High Efficiency 5V to 3.3V Conversion at Up to 15A
in SO-8
LTC1628/LTC3728
2-Phase, Dual Output Synchronous Step-Down
Reduces CIN and COUT, Power Good Output Signal, Synchronizable,
DC/DC Controllers
3.5V
≤ VIN ≤ 36V, IOUT up to 20A, 0.8V ≤ VOUT ≤ 5V
LTC1629/LTC3729
20A to 200A PolyPhase Synchronous Controllers
Expandable from 2-Phase to 12-Phase, Uses All
Surface Mount Components, No Heat Sink, VIN up to 36V
LTC1702
No RSENSE
TM 2-Phase Dual Synchronous Step-Down
550kHz, No Sense Resistor
Controller
LTC1708-PG
2-Phase, Dual Synchronous Controller with Mobile VID
3.5V
≤ VIN ≤ 36V, VID Sets VOUT1, PGOOD
LTC1736
High Efficiency Synchronous Controller with 5-Bit Mobile Output Fault Protection, 24-Pin SSOP,
VID Control
3.5V
≤ VIN ≤ 36V
LTC1778
No RSENSE Current Mode Synchronous Step-Down
Up to 97% Efficiency, 4V
≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ (0.9)(VIN),
Controller
IOUT up to 20A
LTC1929/
2-Phase Synchronous Controllers
Up to 42A, Uses All Surface Mount Components,
LTC1929-PG
No Heat Sinks, 3.5V
≤ VIN ≤ 36V
LTC3711
No RSENSE Current Mode Synchronous Step-Down
Up to 97% Efficiency, Ideal for Pentium
® III Processors,
Controller with Digital 5-Bit Interface
0.925V
≤ VOUT ≤ 2V, 4V ≤ VIN ≤ 36V, IOUT up to 20A
LTC3729
20A to 200A, 550kHz PolyPhase Synchronous Controller
Expandable from 2-Phase to 12-Phase, Uses all Surface Mount
Components, VIN up to 36V
LTC3730
IMVP III 3-Phase Synchronous Controller
IOUT Up to 60A, 0.6V ≤ VOUT ≤ 1.75V, Integrated MOSFET Drivers
LTC3732
VRM 9.0/9.1 3-Phase DC/DC Synchronous Step-Down
1.1V
≤ VOUT ≤ 1.85V, 4.5V ≤ VIN ≤ 32V, SSOP-36
Controller
LTC3778
Optional RSENSE Current Mode Synchronous Step-Down
4V
≤ VIN ≤ 36V, Adjustable Frequency Up to 1.2MHz, TSSOP-20
Controller
LTC3832
Low VIN High Power Synchronous Controller
VOUT ≥ 0.6V, IOUT ≤ 20A, 3V ≤ VIN ≤ 8V
LTC4008
4A Multichemistry Multicell Battery Charger
NiCd, NiMH, Lead Acid, Li-Ion Batteries; 6V
≤ VIN ≤ 28V;
1.19V
≤ VOUT ≤ 28V
No RSENSE is a trademark of Linear Technology Corporation. Pentium is a registered trademark of Intel Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com