Electronic Components Datasheet Search
  English  ▼

X  

LTC1735CF Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1735CF
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CF Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1735CF Datasheet HTML 22Page - Linear Technology LTC1735CF Datasheet HTML 23Page - Linear Technology LTC1735CF Datasheet HTML 24Page - Linear Technology LTC1735CF Datasheet HTML 25Page - Linear Technology LTC1735CF Datasheet HTML 26Page - Linear Technology LTC1735CF Datasheet HTML 27Page - Linear Technology LTC1735CF Datasheet HTML 28Page - Linear Technology LTC1735CF Datasheet HTML 29Page - Linear Technology LTC1735CF Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
LTC1735
1735fc
APPLICATIO S I FOR ATIO
Next verify the minimum on-time of 200ns is not violated.
The minimum on-time occurs at maximum VIN:
t
V
Vf
V
V
kHz
ns
ON MIN
OUT
IN MAX
()
()
.
()
==
=
18
22 300
273
Since the output voltage is below 2.4V the output resistive
divider will need to be sized to not only set the output
voltage but also to absorb the sense pin current.
Rk
V
VV
k
V
VV
k
MAX
OUT
124
08
24
24
08
24
18
32
()
.
.–
.
.– .
=


=


=
Choosing 1% resistors: R1 = 25.5k and R2 = 32.4k yields
an output voltage of 1.816V.
The power dissipation on the topside MOSFET can be
easily estimated. Choosing a Siliconix Si4412ADY results
in RDS(ON) = 0.035Ω, CRSS = 100pF. At maximum input
voltage with T(estimated) = 50
°C:
P
V
V
CC
V
A
pF
kHz
mW
MAIN =
() +°
°
[]
Ω
()
+
() ( )(
)(
)
=
18
22
5
1
0 005 50
25
0 035
1 7 22
5
100
300
204
2
2
.
( .
)(
–
)
.
.
Because the duty cycle of the bottom MOSFET is much
greater than the top, a larger MOSFET, Siliconix Si4410DY,
(RDS(ON) = 0.02Ω) is chosen. The power dissipation in the
bottom MOSFET, again assuming TA = 50°C, is:
P
VV
V
A
mW
SYNC =
() ( )
Ω
()
=
22
1 8
22
51 1 0 02
505
2
–.
..
Thanks to current foldback, the bottom MOSFET dissipa-
tion in short-circuit will be less than under full load
conditions.
CIN is chosen for an RMS current rating of at least 2.5A at
temperature. COUT is chosen with an ESR of 0.02Ω for low
output ripple. The output ripple in continuous mode will be
highest at the maximum input voltage. The worst-case
output voltage ripple due to ESR is approximately:
VR
I
A
mV
ORIPPLE
ESR
L
P P
==
Ω
=
−
()
.
( .
)
∆
002
2 3
46
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1735. These items are also illustrated graphically in
the layout diagram of Figure 12. Check the following in
your layout:
1) Are the signal and power grounds segregated? The
LTC1735 PGND pin should tie to the ground plane close to
the input capacitor(s). The SGND pin should then connect
to PGND, and all components that connect to SGND
should make a single point tie to the SGND pin. The
synchronous MOSFET source pins should connect to the
input capacitor(s) ground.
2) Does the VOSENSE pin connect directly to the feedback
resistors? The resistive divider R1, R2 must be connected
between the (+) plate of COUT and signal ground. The 47pF
to 100pF capacitor should be as close as possible to the
LTC1735. Be careful locating the feedback resistors too far
away from the LTC1735. The VOSENSE line should not be
routed close to any other nodes with high slew rates.
3) Are the SENSE – and SENSE + leads routed together with
minimum PC trace spacing? The filter capacitor between
SENSE + and SENSE – should be as close as possible to the
LTC1735. Ensure accurate current sensing with Kelvin
connections as shown in Figure 13. Series resistance can
be added to the SENSE lines to increase noise rejection.
4) Does the (+) terminal of CIN connect to the drain of the
topside MOSFET(s) as closely as possible? This capacitor
provides the AC current to the MOSFET(s).
5) Is the INTVCC decoupling capacitor connected closely
between INTVCC and the power ground pin? This capaci-
tor carries the MOSFET driver peak currents. An addi-
tional 1
µF ceramic capacitor placed immediately next to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com