Electronic Components Datasheet Search
  English  ▼

X  

LTC1735CF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1735CF
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1735CF Datasheet HTML 12Page - Linear Technology LTC1735CF Datasheet HTML 13Page - Linear Technology LTC1735CF Datasheet HTML 14Page - Linear Technology LTC1735CF Datasheet HTML 15Page - Linear Technology LTC1735CF Datasheet HTML 16Page - Linear Technology LTC1735CF Datasheet HTML 17Page - Linear Technology LTC1735CF Datasheet HTML 18Page - Linear Technology LTC1735CF Datasheet HTML 19Page - Linear Technology LTC1735CF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LTC1735
1735fc
APPLICATIO S I FOR ATIO
derived from the output or other external source during
normal operation. When the output is out of regulation
(start-up, short circuit) power is supplied from the internal
regulator. Do not apply greater than 7V to the EXTVCC pin
and ensure that EXTVCC ≤ VIN.
Significant efficiency gains can be realized by powering
INTVCC from the output, since the VIN current resulting
from the driver and control currents will be scaled by a
factor of (Duty Cycle)/(Efficiency). For 5V regulators this
simply means connecting the EXTVCC pin directly to VOUT.
However, for 3.3V and other lower voltage regulators,
additional circuitry is required to derive INTVCC power
from the output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause INTVCC
to be powered from the internal 5.2V regulator resulting in
an efficiency penalty of up to 10% at high input voltages.
2. EXTVCC connected directly to VOUT. This is the normal
connection for a 5V output regulator and provides the
highest efficiency. For output voltages higher than 5V,
EXTVCC is required to connect to VOUT so the SENSE pins’
absolute maximum ratings are not exceeded.
3. EXTVCC connected to an output-derived boost network.
For 3.3V and other low voltage regulators, efficiency gains
can still be realized by connecting EXTVCC to an output-
derived voltage that has been boosted to greater than
4.7V. This can be done with either the inductive boost
winding as shown in Figure 3a or the capacitive charge
pump shown in Figure 3b. The charge pump has the
advantage of simple magnetics.
4. EXTVCC connected to an external supply. If an external
supply is available in the 5V to 7V range (EXTVCC ≤ VIN),
such as notebook main 5V system power, it may be used
to power EXTVCC providing it is compatible with the
MOSFET gate drive requirements. This is the typical case
as the 5V power is almost always present and is derived by
another high efficiency regulator.
Output Voltage Programming
The output voltage is set by an external resistive divider
according to the following formula:
VV
R
R
OUT =+


08
1
2
1
.
The resistive divider is connected to the output as shown
in Figure 4 allowing remote voltage sensing.
Figure 3a. Secondary Output Loop and EXTVCC Connection
Figure 3b. Capacitive Charge Pump for EXTVCC
EXTVCC
FCB
SGND
VIN
TG
SW
BG
PGND
LTC1735
RSENSE
VOUT
VSEC
6.8V
+
COUT
+
1
µF
1735 F03a
N-CH
N-CH
R4
+
CIN
VIN
L1
1:N
1N4148
OPTIONAL EXTVCC
CONNECTION
5V
≤ VSEC ≤ 7V
R3
EXTVCC
VIN
TG
SW
BG
PGND
LTC1735
RSENSE
VOUT
VN2222LL
+
COUT
1735 F03b
N-CH
N-CH
+
CIN
+
1
µF
VIN
L1
BAT85
BAT85
BAT85
0.22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com