Electronic Components Datasheet Search
  English  ▼

X  

AD9887APCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9887APCB
Description  Dual Interface for Flat Panel Display
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887APCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9887APCB Datasheet HTML 12Page - Analog Devices AD9887APCB Datasheet HTML 13Page - Analog Devices AD9887APCB Datasheet HTML 14Page - Analog Devices AD9887APCB Datasheet HTML 15Page - Analog Devices AD9887APCB Datasheet HTML 16Page - Analog Devices AD9887APCB Datasheet HTML 17Page - Analog Devices AD9887APCB Datasheet HTML 18Page - Analog Devices AD9887APCB Datasheet HTML 19Page - Analog Devices AD9887APCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AD9887A
Rev. B | Page 16 of 52
PIN FUNCTION DETAILS—DIGITAL INTERFACE
Digital Video Data Inputs
Rx0+
Digital Differential Input Channel 0 True
Rx0−
Digital Differential Input Channel 0 Complement
Rx1+
Digital Differential Input Channel 1 True
Rx1−
Digital Differential Input Channel 1 Complement
Rx2+
Digital Differential Input Channel 2 True
Rx2−
Digital Differential Input Channel 2 Complement
These pins receive three pairs of differential, low
voltage, swing input pixel data from a digital
graphics transmitter.
Digital Video Clock Inputs
RxC+
Digital Differential Data Clock True
RxC−
Digital Differential Data Clock Complement
These pins receive the differential, low voltage,
swing input pixel clock from a digital graphics
transmitter.
Termination Control
RTERM
Internal Termination Set Pin
This pin is used to set the termination resistance for
all digital interface high speed inputs. To set this pin,
place a resistor of 10 times the desired input termi-
nation resistance between this pin (Pin 53) and the
ground supply. Typically, the value of this resistor
should be 500 Ω.
Data Enable
DE
Data Enable
This pin outputs the state of data enable (DE). The
AD9887A decodes DE from the incoming stream of
data. The DE signal is high during active video and
low when there is no active video.
HDCP
DDCSCL HDCP Slave Serial Port Data Clock
For use in communicating with the HDCP-enabled
DVI transmitter.
DDCSDA HDCP Slave Serial Port Data I/O
For use in communicating with the HDCP-enabled
DVI transmitter.
MCL
HDCP Master Serial Port Data Clock
Connects the EEPROM for reading the encrypted
HDCP keys.
MDA
HDCP Master Serial Port Data I/O
Connects the EEPROM for reading the encrypted
HDCP keys.
CTL
Digital Control Outputs
These pins output the control signals for the red and
green channels. CTL0 and CTL1 correspond to the
red channel input, and CTL2 and CTL3 correspond
to the green channel input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com