Electronic Components Datasheet Search
  English  ▼

X  

MAX9130EXT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9130EXT
Description  Single 500Mbps LVDS Line Receiver in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9130EXT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9130EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX9130 is a single low-voltage differential signal-
ing (LVDS) line receiver ideal for applications requiring
high data rates, low power, and low noise. The device
is guaranteed to receive data at speeds up to 500Mbps
(250MHz).
The MAX9130 accepts an LVDS differential input and
translates it to an LVTTL/LVCMOS output. The fail-safe
feature sets the output high when the inputs are undriv-
en and open, terminated, or shorted. The device sup-
ports a wide common-mode input range, allowing a
ground potential difference and common-mode noise
between the driver and the receiver. The MAX9130
conforms to the ANSI/TIA/EIA-644 LVDS standard.
The MAX9130 operates from a single +3.3V supply,
and is specified for operation from -40°C to +85°C. It is
available in a space-saving 6-pin SC70 package. Refer
to the MAX9110/MAX9112 data sheet for single/dual
LVDS line drivers. Refer to the MAX9115 for a lower
speed (200Mbps) single LVDS line receiver in SC70.
Applications
Clock Distribution
Cellular Phone Base Stations
Digital Cross-Connects
Network Switches/Routers
DSLAMs
Features
o Space-Saving SC70 Package (50% Smaller than
SOT23)
o Guaranteed 500Mbps Data Rate
o Low 250ps (max) Pulse Skew
o High-Impedance LVDS Inputs When Powered Off
Allow Hot Swapping
o Conforms to ANSI TIA/EIA-644 LVDS Standard
o Single +3.3V Supply
o Fail-Safe Circuit Sets Output High for Undriven
Inputs (Open, Terminated, or Shorted)
o Low 150µA (typ) Supply Current in Fail-Safe Mode
Single 500Mbps LVDS Line Receiver in SC70
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2155; Rev 0; 10/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9130EXT-T
-40°C to +85°C
6 SC70-6
ABB
MAX9130
Rx
Tx
CLOCK
INPUT
CLOCK
SOURCE
CLOCK
INPUT
CLOCK
INPUT
MAX9130
Rx
LVDS SIGNALS
REFERENCE CLOCK DISTRIBUTION
USING MAX9130 IN A MULTIDROP CONFIGURATION
MAX9130
Rx
100
Ω
TERMINATION
Typical Application Circuit
GND
IN+
IN-
16
5
OUT
VCC
MAX9130
SC70
TOP VIEW
2
34
GND
Pin Configuration


Similar Part No. - MAX9130EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9130EXT-T MAXIM-MAX9130EXT-T Datasheet
145Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
More results

Similar Description - MAX9130EXT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
3V LVDS Single CMOS Differential Line Receiver
logo
Maxim Integrated Produc...
MAX9115 MAXIM-MAX9115 Datasheet
139Kb / 8P
Single LVDS Line Receiver in SC70
Rev 0; 4/01
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
MAX9130 MAXIM-MAX9130 Datasheet
145Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
3V LVDS Single CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com