Electronic Components Datasheet Search
  English  ▼

X  

MAX9130EXT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9130EXT
Description  Single 500Mbps LVDS Line Receiver in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9130EXT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9130EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Single 500Mbps LVDS Line Receiver in SC70
_______________________________________________________________________________________
5
10
20
40
30
50
60
3.0
3.3
3.6
DIFFERENTIAL PULSE SKEW
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
20
60
40
80
100
-40
10
-15
35
60
85
DIFFERENTIAL PULSE SKEW
vs. TEMPERATURE
TEMPERATURE (
°C)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
0.1
1.2
2.3
DIFFERENTIAL PROPAGATION DELAY
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
tPHLD
tPLHD
2.0
1.9
1.8
1.7
1.6
0.1
0.3
0.2
0.4
0.5
0.6
DIFFERENTIAL PROPAGATION DELAY
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (V)
tPHLD
tPLHD
0.300
1.200
0.900
0.600
1.500
1.800
2.100
525
15
35
45
55
TRANSITION TIME
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
tTLH
tTHL
580
540
500
460
420
3.0
3.3
3.6
TRANSITION TIME vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tTHL
tTLH
Typical Operating Characteristics (continued)
(VCC = +3.3V, CL = 15pF, |VID| = 0.2V, VCM = 1.2V, input rise and fall time = 1ns (20% to 80%), input frequency = 250MHz, 50%
duty cycle, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com