Electronic Components Datasheet Search
  English  ▼

X  

MAX9130EXT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9130EXT
Description  Single 500Mbps LVDS Line Receiver in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9130EXT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9130EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Single 500Mbps LVDS Line Receiver in SC70
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, differential input voltage |VID| = 0.05V to 1.0V, input common voltage VCM = |VID/2| to 2.4V - |VID/2|,
TA = -40°C to +85°C, unless otherwise noted. Typical values at VCC = +3.3V, TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Package leads soldered to a PC board having copper ground and VCC planes. Do not exceed Maximum Junction Temperature.
VCC to GND ...........................................................-0.3V to +4.0V
IN+, IN- to GND.....................................................-0.3V to +4.0V
OUT to GND ...............................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/°C above +70°C) .............245 mW
Output Short to GND (OUT) (Note 1)........................................1s
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
ESD Protection
Human Body Model (IN+, IN-) .........................................±6kV
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS INPUTS (IN+, IN-)
Differential Input High Threshold
VTH
50
mV
Differential Input Low Threshold
VTL
-50
mV
0.05V
≤VID≤ 0.6V
-20
20
Input Current
IIN+, IIN-
0.6V
<VID≤ 1.0V
-25
25
µA
0.05V
≤VID≤ 0.6V, VCC = 0
-20
20
Power-Off Input Current
IINO
0.6V
<VID≤ 1.0V, VCC = 0
-25
25
µA
RIN1
VCC = +3.6V or 0, Figure 1
35
Input Resistance
RIN2
VCC = +3.6V or 0, Figure 1
132
k
Ω
LVTTL/LVCMOS OUTPUT (OUT)
Inputs open or undriven short
or undriven 100
Ω termination
VCC - 0.3
Output High Voltage
VOH
IOH = -8.0mA
VID = +50mV
VCC - 0.3
V
Output Low Voltage
VOL
IOL = +8.0mA, VID = -50mV
0.25
V
Output Short-Circuit Current
IOS
VID = +50mV, VOUT = 0
-125
mA
SUPPLY CURRENT
No load, inputs undriven (fail-safe)
150
300
µA
Supply Current
ICC
No load, inputs driven
7
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com