Electronic Components Datasheet Search
  English  ▼

X  

MAX9130EXT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9130EXT
Description  Single 500Mbps LVDS Line Receiver in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9130EXT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9130EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Single 500Mbps LVDS Line Receiver in SC70
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, CL = 15pF, differential input voltage |VID| = 0.15V to 1.0V, input common voltage VCM = |VID/2| to 2.4V - |VID
/2|, input rise and fall time = 1ns (20% to 80%), input frequency = 250MHz, TA = -40°C to +85°C, unless otherwise noted. Typical val-
ues at VCC = +3.3V, |VID| = 0.2V, VCM = 1.2V, TA = +25°C.) (Figures 2 and 3) (Notes 4 and 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Propagation Delay
High to Low
tPHLD
1.2
1.8
3
ns
Differential Propagation Delay
Low to High
tPLHD
1.2
1.8
3
ns
Differential Pulse Skew
|tPHLD - tPLHD| (Note 6)
tSKD1
250
ps
Differential Part-to-Part Skew
(Note 7)
tSKD2
1.3
ns
Differential Part-to-Part Skew
(Note 8)
tSKD3
1.8
ns
Rise Time
tTLH
0.5
0.8
ns
Fall Time
tTHL
0.5
0.8
ns
Maximum Operating Frequency
(Note 9)
fMAX
250
MHz
Note 2: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are production
tested at TA = +25°C.
Note 3: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground
except VTH, VTL, and VID.
Note 4: AC parameters are guaranteed by design and characterization.
Note 5: CL includes scope probe and test jig capacitance.
Note 6: tSKD1 is the magnitude difference of differential propagation delays. tSKD1 = |tPHLD - tPLHD|.
Note 7: tSKD2 is the magnitude difference of any differential propagation delays between parts operating over rated conditions at
the same VCC and within 5°C of each other.
Note 8: tSKD3 is the magnitude difference of any differential propagation delays between parts operating over rated conditions.
Note 9: fMAX pulse generator output conditions: rise time = fall time = 1ns (0% to 100%), 50% duty cycle, VOH = +1.3V, VOL = +1.1V.
MAX9130 output criteria: 60% to 40% duty cycle, VOL = 0.25V max, VOH = 2.7V min, load = 15pF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com