Electronic Components Datasheet Search
  English  ▼

X  

MAX9130EXT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9130EXT
Description  Single 500Mbps LVDS Line Receiver in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9130EXT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9130EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9130EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Single 500Mbps LVDS Line Receiver in SC70
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, CL = 15pF, |VID| = 0.2V, VCM = 1.2V, input rise and fall time = 1ns (20% to 80%), input frequency = 250MHz, 50%
duty cycle, TA = +25°C, unless otherwise noted.)
0
10
30
40
1
10
100
1000
SUPPLY CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
20
6.00
5.50
5.00
4.50
4.00
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-60
-65
-75
-70
-80
-85
3.0
3.3
3.6
OUTPUT SHORT-CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.60
3.40
3.20
3.00
2.80
3.0
3.3
3.6
OUTPUT HIGH VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
84.0
84.5
85.0
85.5
86.0
86.5
87.0
87.5
88.0
3.0
3.3
3.6
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.50
1.60
1.80
1.70
1.90
2.00
3.0
3.3
3.6
DIFFERENTIAL PROPAGATION DELAY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tPHLD
tPLHD
1.50
1.75
2.00
2.25
2.50
2.75
-40
10
-15
35
60
85
DIFFERENTIAL PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
tPHLD
tPLHD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com