Electronic Components Datasheet Search
  English  ▼

X  

99161 Datasheet(PDF) 2 Page - IXYS Corporation

Part # 99161
Description  B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99161 Datasheet(HTML) 2 Page - IXYS Corporation

  99161 Datasheet HTML 1Page - IXYS Corporation 99161 Datasheet HTML 2Page - IXYS Corporation 99161 Datasheet HTML 3Page - IXYS Corporation 99161 Datasheet HTML 4Page - IXYS Corporation 99161 Datasheet HTML 5Page - IXYS Corporation 99161 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGR 60N60B2
IXGR 60N60B2D1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= 50 A; V
CE = 10 V,
40
58
S
Note 1
C
ies
3900
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
340
pF
C
res
100
pF
Q
g
170
nC
Q
ge
I
C = 50 A, VGE = 15 V, VCE = 0.5 VCES
25
nC
Q
gc
57
nC
t
d(on)
28
n s
t
ri
30
n s
t
d(off)
160
270
n s
t
fi
100
170
n s
E
off
1.0
2.5
mJ
t
d(on)
28
n s
t
ri
36
n s
E
on
1.5
mJ
t
d(off)
310
n s
t
fi
240
n s
E
off
2.8
mJ
R
thJC
0.5 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 50 A, VGE = 15 V
V
CE = 400 V, RG = Roff = 3.3 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 50 A, VGE = 15 V
V
CE = 400 V, RG = Roff = 2.0 Ω
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F = 60 A, VGE = 0 V,
2.1
V
Note 1
T
J = 150°C
1.4
V
I
RM
I
F = 60 A, VGE = 0 V, -diF/dt = 100 A/µ TJ = 100°C
8.3
A
V
R = 100 V
t
rr
I
F = 1 A; -di/dt = 200 A/ms; VR = 30 V
35
n s
R
thJC
0.85 K/W
Note 1: Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
ISOPLUS 247 Outline
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1
6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com