Electronic Components Datasheet Search
  English  ▼

X  

99161 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 99161
Description  B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99161 Datasheet(HTML) 1 Page - IXYS Corporation

  99161 Datasheet HTML 1Page - IXYS Corporation 99161 Datasheet HTML 2Page - IXYS Corporation 99161 Datasheet HTML 3Page - IXYS Corporation 99161 Datasheet HTML 4Page - IXYS Corporation 99161 Datasheet HTML 5Page - IXYS Corporation 99161 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
GE(th)
I
C
= 250
µA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE
= V
CES
300
µA
V
GE
= 0 V
T
J = 125°C
5
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
I
C
= 50 A, V
GE = 15 V
2.0
V
Note 1
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C (limited by leads)
75
A
I
C110
T
C
= 110
°C47
A
I
CM
T
C
= 25
°C, 1 ms
300
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 150
A
(RBSOA)
Clamped inductive load @ V
CE ≤ 600 V
P
C
T
C
= 25
°C
250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS, t = 1m
2500
V
Weight
5g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
G = Gate
C = Collector
E = Emitter
DS99161(04/04)
V
CES
= 600
V
I
C25
=
75 A
V
CE(sat)
= 2.0
V
t
fi(typ)
=
100 ns
Advance Technical Data
HiPerFASTTM IGBT
ISOPLUS247TM
B2-Class High Speed IGBTs
(Electrically Isolated Back Surface)
IXGR 60N60B2
IXGR 60N60B2D1
PLUS247(IXGR)
(ISOLATED TAB)
Features
DCB Isolated mounting tab
Meets TO-247AD package Outline
High current handling capability
Latest generation HDMOSTM process
MOS Gate turn-on
- drive simplicity
Applications
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
Easy assembly
High power density
Very fast switching speeds for high
frequency applications
E153432
C
E
D1


Similar Part No. - 99161

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9916 3M-9916 Datasheet
47Kb / 2P
3MTM Medical Tan Nonwoven Tape
logo
List of Unclassifed Man...
99168 ETC2-99168 Datasheet
915Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99169 ETC2-99169 Datasheet
915Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
logo
Advanced Power Electron...
9916H A-POWER-9916H Datasheet
87Kb / 6P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - 99161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
HiPerFAST IGBT B2-Class High Speed IGBTs
IXGR40N60B2 IXYS-IXGR40N60B2 Datasheet
502Kb / 6P
C2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
IXGR50N60B2 IXYS-IXGR50N60B2 Datasheet
518Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR60N60B2 IXYS-IXGR60N60B2 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com