Electronic Components Datasheet Search
  English  ▼

X  

99161 Datasheet(PDF) 4 Page - IXYS Corporation

Part # 99161
Description  B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99161 Datasheet(HTML) 4 Page - IXYS Corporation

  99161 Datasheet HTML 1Page - IXYS Corporation 99161 Datasheet HTML 2Page - IXYS Corporation 99161 Datasheet HTML 3Page - IXYS Corporation 99161 Datasheet HTML 4Page - IXYS Corporation 99161 Datasheet HTML 5Page - IXYS Corporation 99161 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGR 60N60B2
IXGR 60N60B2D1
Fig. 7. Trans conductance
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
I
C - A mperes
T
J = -40ºC
25ºC
125ºC
Fig. 8. De pe ndence of Turn-Off
Ene rgy on R
G
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
R
G - Ohms
I
C = 25A
T
J = 125ºC
V
GE = 15V
V
CE = 400V
I
C = 50A
I
C = 100A
Fig. 9. De pende nce of Turn-Off
Ene rgy on I
c
0
1
2
3
4
5
6
7
20
30
40
50
60
70
80
90
100
I
C - A mperes
R
G = 3. 3Ω
V
GE = 15V
V
CE = 400V
T
J = 125ºC
T
J = 25ºC
Fig. 10. De pende nce of Turn-Off
Energy on Te m pe rature
0
1
2
3
4
5
6
7
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
I
C = 100A
R
G = 3. 3Ω
V
GE = 15V
V
CE = 400V
I
C = 50A
I
C = 25A
Fig. 11. De pe ndence of Turn-Off
Sw itching Tim e on R
G
200
300
400
500
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
30
35
40
45
50
R
G - Ohms
I
C = 50A
t
d(off)
t
fi
- - - - - -
T
J = 125ºC
V
GE = 15V
V
CE = 400V
I
C = 25A
I
C = 100A
Fig. 12. De pe ndence of Turn-Off
Sw itching Tim e on I
c
50
100
150
200
250
300
350
400
20
30
40
50
60
70
80
90
100
I
C - A mperes
t
d(off)
t
fi
- - - - - -
R
G = 3. 3Ω
V
GE = 15V
V
CE = 400V
T
J = 125ºC
T
J = 25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com