Electronic Components Datasheet Search
  English  ▼

X  

99161 Datasheet(PDF) 3 Page - IXYS Corporation

Part # 99161
Description  B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99161 Datasheet(HTML) 3 Page - IXYS Corporation

  99161 Datasheet HTML 1Page - IXYS Corporation 99161 Datasheet HTML 2Page - IXYS Corporation 99161 Datasheet HTML 3Page - IXYS Corporation 99161 Datasheet HTML 4Page - IXYS Corporation 99161 Datasheet HTML 5Page - IXYS Corporation 99161 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2004 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
50
100
150
200
250
300
350
01
234
56
78
V
C E - V olts
V
GE = 15V
13V
5V
7V
9V
11V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
10
20
30
40
50
60
70
80
90
100
0.511.5
22.5
3
V
CE - V olts
V
GE = 15V
13V
11V
5V
7V
9V
Fig. 1. Output Characteristics
@ 25 De g. C
0
10
20
30
40
50
60
70
80
90
100
0.511.5
22.5
3
V
C E - V olts
V
GE = 15V
13V
11V
7V
5V
9V
Fig. 4. De pe ndence of V
CE(sat) on
Te m pe rature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
I
C = 50A
I
C = 25A
V
GE = 15V
I
C = 100A
Fig. 5. Collector-to-Em itter Voltage
vs. Gate-to-Em itter voltage
1.3
1.6
1.9
2.2
2.5
2.8
3.1
3.4
3.7
5
6
7
8
9
10
11
12
13
14
15
16
17
V
G E - V olts
T
J = 25ºC
I
C = 100A
50A
25A
Fig. 6. Input Adm ittance
0
50
100
150
200
250
300
45
6
78
9
10
V
G E - V olts
T
J = 125ºC
-40ºC
T
J = 25ºC
IXGR 60N60B2
IXGR 60N60B2D1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com