Electronic Components Datasheet Search
  English  ▼

X  

99161 Datasheet(PDF) 5 Page - IXYS Corporation

Part # 99161
Description  B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99161 Datasheet(HTML) 5 Page - IXYS Corporation

  99161 Datasheet HTML 1Page - IXYS Corporation 99161 Datasheet HTML 2Page - IXYS Corporation 99161 Datasheet HTML 3Page - IXYS Corporation 99161 Datasheet HTML 4Page - IXYS Corporation 99161 Datasheet HTML 5Page - IXYS Corporation 99161 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2004 IXYS All rights reserved
IXGR 60N60B2
IXGR 60N60B2D1
Fig. 14. Gate Charge
0
3
6
9
12
15
0
20
40
60
80
100
120
140
160
180
QG - nanoCoulombs
V
CE = 300V
I
C = 50A
I
G = 10mA
Fig. 15. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VCE - Volts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. De pendence of Turn-Off
Sw itching Tim e on Te m pe rature
50
100
150
200
250
300
350
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
I
C = 25A
50A
100A
td(off)
tfi - - - - - -
R
G = 3. 3Ω
V
GE = 15V
V
CE = 400V
I
C = 100A
50A
25A
Fig . 1 3. M axim u m T r an sien t T h er m a l Resis t an ce
0
0. 05
0. 1
0. 15
0. 2
0. 25
0. 3
0. 35
0. 4
0. 45
0. 5
0. 55
1
10
100
1000
Puls e W idth - millis ec onds



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com