Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5121
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 4 Page - Analog Devices

  AD5121 Datasheet HTML 1Page - Analog Devices AD5121 Datasheet HTML 2Page - Analog Devices AD5121 Datasheet HTML 3Page - Analog Devices AD5121 Datasheet HTML 4Page - Analog Devices AD5121 Datasheet HTML 5Page - Analog Devices AD5121 Datasheet HTML 6Page - Analog Devices AD5121 Datasheet HTML 7Page - Analog Devices AD5121 Datasheet HTML 8Page - Analog Devices AD5121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5123/AD5143
Data Sheet
Rev. A | Page 4 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
RESISTOR TERMINALS
Maximum Continuous Current
IA, IB, and IW
RAB = 10 kΩ
−6
+6
mA
RAB = 100 kΩ
−1.5
+1.5
mA
Terminal Voltage Range5
VSS
VDD
V
Capacitance A, Capacitance B3
CA, CB
f = 1 MHz, measured to GND,
code = half scale
RAB = 10 kΩ
25
pF
RAB = 100 kΩ
12
pF
Capacitance W3
CW
f = 1 MHz, measured to GND,
code = half scale
RAB = 10 kΩ
12
pF
RAB = 100 kΩ
5
pF
Common-Mode Leakage Current3
VA = VW = VB
−500
±15
+500
nA
DIGITAL INPUTS
Input Logic3
High
VINH
0.7 × VDD
V
Low
VINL
0.2 × VDD
V
Input Hysteresis3
VHYST
0.1 × VDD
V
Input Current3
IIN
±1
µA
Input Capacitance3
CIN
5
pF
DIGITAL OUTPUTS
Output High Voltage3
VOH
RPULL-UP = 2.2 kΩ to VDD
VDD
V
Output Low Voltage3
VOL
ISINK = 3 mA
0.4
V
ISINK = 6 mA
0.6
V
Three-State Leakage Current
−1
+1
µA
Three-State Output Capacitance
2
pF
POWER SUPPLIES
Single-Supply Power Range
VSS = GND
2.3
5.5
V
Dual-Supply Power Range
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
VDD = 5.5 V
0.7
5.5
µA
VDD = 2.3 V
400
nA
Negative Supply Current
ISS
VIH = VDD or VIL = GND
−5.5
−0.7
µA
EEPROM Store Current3, 6
IDD_EEPROM_STORE
VIH = VDD or VIL = GND
2
mA
EEPROM Read Current3, 7
IDD_EEPROM_READ
VIH = VDD or VIL = GND
320
µA
Power Dissipation8
PDISS
VIH = VDD or VIL = GND
3.5
µW
Power Supply Rejection Ratio
PSRR
∆VDD/∆VSS = VDD ± 10%,
code = full scale
−66
−60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com