Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5121
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5121 Datasheet HTML 13Page - Analog Devices AD5121 Datasheet HTML 14Page - Analog Devices AD5121 Datasheet HTML 15Page - Analog Devices AD5121 Datasheet HTML 16Page - Analog Devices AD5121 Datasheet HTML 17Page - Analog Devices AD5121 Datasheet HTML 18Page - Analog Devices AD5121 Datasheet HTML 19Page - Analog Devices AD5121 Datasheet HTML 20Page - Analog Devices AD5121 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD5123/AD5143
Rev. A | Page 17 of 28
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10kΩ
100kΩ
SHUTDOWN MODE ENABLED
Figure 29. Shutdown Isolation vs. Frequency
0
1
2
3
4
5
6
7
0
50
100
150
200
250
0
25
50
75
100
125 AD5123
AD5143
100kΩ
10kΩ
CODE (Decimal)
Figure 30. Theoretical Maximum Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com