Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5121
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5121 Datasheet HTML 14Page - Analog Devices AD5121 Datasheet HTML 15Page - Analog Devices AD5121 Datasheet HTML 16Page - Analog Devices AD5121 Datasheet HTML 17Page - Analog Devices AD5121 Datasheet HTML 18Page - Analog Devices AD5121 Datasheet HTML 19Page - Analog Devices AD5121 Datasheet HTML 20Page - Analog Devices AD5121 Datasheet HTML 21Page - Analog Devices AD5121 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5123/AD5143
Data Sheet
Rev. A | Page 18 of 28
TEST CIRCUITS
Figure 31 to Figure 35 define the test conditions used in the Specifications section.
A
W
B
NC
IW
DUT
VMS
NC = NO CONNECT
Figure 31. Resistor Integral Nonlinearity Error (Rheostat Operation; R-INL, R-DNL)
A
W
B
DUT
VMS
V+
V+ = VDD
1LSB = V+/2N
Figure 32. Potentiometer Divider Nonlinearity Error (INL, DNL)
A
W
B
DUT
IW = VDD/RNOMINAL
VMS1
VW
RW = VMS1/IW
NC = NO CONNECT
Figure 33. Wiper Resistance
A
W
B
VMS
V+ = VDD ±10%
PSRR (dB) = 20 LOG
VMS
ΔVDD
(
)
~
VA
VDD
ΔVMS%
ΔVDD%
PSS (%/%) =
V+
Δ
Figure 34. Power Supply Sensitivity and
Power Supply Rejection Ratio (PSS, PSRR)
+
–
DUT
CODE = 0x00
0.1V
VSS TO VDD
RSW =
0.1V
ISW
ISW
W
B
A = NC
Figure 35. Incremental On Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com