Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5121
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5121 Datasheet HTML 10Page - Analog Devices AD5121 Datasheet HTML 11Page - Analog Devices AD5121 Datasheet HTML 12Page - Analog Devices AD5121 Datasheet HTML 13Page - Analog Devices AD5121 Datasheet HTML 14Page - Analog Devices AD5121 Datasheet HTML 15Page - Analog Devices AD5121 Datasheet HTML 16Page - Analog Devices AD5121 Datasheet HTML 17Page - Analog Devices AD5121 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5123/AD5143
Data Sheet
Rev. A | Page 14 of 28
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0
50
100
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
Figure 11. INL vs. Code (AD5123)
–50
0
50
100
150
200
250
300
350
400
450
100k
Ω
10k
Ω
AD5123
AD5143
CODE (Decimal)
0
50
100
150
200
255
0
25
50
75
100
127
Figure 12. Potentiometer Mode Temperature Coefficient ((ΔVW/VW)/ΔT × 106) vs.
Code
0
100
200
300
400
500
600
700
800
TEMPERATURE (°C)
IDD, VDD = 2.3V
IDD, VDD = 3.3V
IDD, VDD = 5V
–40
10
60
125
110
VSS = GND
Figure 13. Supply Current vs. Temperature
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0
50
100
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
Figure 14. DNL vs. Code (AD5123)
–50
0
50
100
150
200
250
300
350
400
450
10
kΩ
100
kΩ
AD5122A
AD5142A
CODE (Decimal)
0
50
100
150
200
255
0
25
50
75
100
127
Figure 15. Rheostat Mode Temperature Coefficient ((ΔRWB/RWB)/ΔT × 106)
vs. Code
0
200
400
600
800
1000
1200
0
1
2
3
4
5
INPUT VOLTAGE (V)
VDD = 2.3V
VDD = 3.3V
VDD = 5V
VDD = 5.5V
Figure 16. IDD Current vs. Digital Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com