Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5121
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5121 Datasheet HTML 2Page - Analog Devices AD5121 Datasheet HTML 3Page - Analog Devices AD5121 Datasheet HTML 4Page - Analog Devices AD5121 Datasheet HTML 5Page - Analog Devices AD5121 Datasheet HTML 6Page - Analog Devices AD5121 Datasheet HTML 7Page - Analog Devices AD5121 Datasheet HTML 8Page - Analog Devices AD5121 Datasheet HTML 9Page - Analog Devices AD5121 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5123/AD5143
Data Sheet
Rev. A | Page 6 of 28
ELECTRICAL CHARACTERISTICS—AD5143
VDD = 2.3 V to 5.5 V, VSS = 0 V; VDD = 2.25 V to 2.75 V, VSS = −2.25 V to −2.75 V; −40°C < TA < +125°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT
MODE (ALL RDACs)
Resolution
N
8
Bits
Resistor Integral Nonlinearity2
R-INL
RAB = 10 kΩ
VDD ≥ 2.7 V
−2
±0.2
+2
LSB
VDD < 2.7 V
−5
±1.5
+5
LSB
RAB = 100 kΩ
VDD ≥ 2.7 V
−1
±0.1
+1
LSB
VDD < 2.7 V
−2
±0.5
+2
LSB
Resistor Differential Nonlinearity2
R-DNL
−0.5
±0.2
+0.5
LSB
Nominal Resistor Tolerance
ΔRAB/RAB
−8
±1
+8
%
Resistance Temperature Coefficient3
(ΔRAB/RAB)/ΔT × 106
Code = full scale
35
ppm/°C
Wiper Resistance3
RW
Code = zero scale
RAB = 10 kΩ
55
125
Ω
RAB = 100 kΩ
130
400
Ω
Bottom Scale or Top Scale
RBS or RTS
RAB = 10 kΩ
40
80
Ω
RAB = 100 kΩ
60
230
Ω
Nominal Resistance Match
RAB1/RAB2
Code = 0xFF
−1
±0.2
+1
%
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE (ALL RDACs)
Integral Nonlinearity4
INL
RAB = 10 kΩ
−1
±0.2
+1
LSB
RAB = 100 kΩ
−0.5
±0.1
+0.5
LSB
Differential Nonlinearity4
DNL
−0.5
±0.2
+0.5
LSB
Full-Scale Error
VWFSE
RAB = 10 kΩ
−2.5
−0.1
LSB
RAB = 100 kΩ
−1
±0.2
+1
LSB
Zero-Scale Error
VWZSE
RAB = 10 kΩ
1.2
3
LSB
RAB = 100 kΩ
0.5
1
LSB
Voltage Divider Temperature
Coefficient3
(ΔVW/VW)/ΔT × 106
Code = half scale
±5
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com