Electronic Components Datasheet Search
  English  ▼

X  

APL3546 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3546
Description  Power -Distribution Switches with Soft Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3546 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3546 Datasheet HTML 1Page - Anpec Electronics Coropration APL3546 Datasheet HTML 2Page - Anpec Electronics Coropration APL3546 Datasheet HTML 3Page - Anpec Electronics Coropration APL3546 Datasheet HTML 4Page - Anpec Electronics Coropration APL3546 Datasheet HTML 5Page - Anpec Electronics Coropration APL3546 Datasheet HTML 6Page - Anpec Electronics Coropration APL3546 Datasheet HTML 7Page - Anpec Electronics Coropration APL3546 Datasheet HTML 8Page - Anpec Electronics Coropration APL3546 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
APL3546
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Power -Distribution Switches with Soft Start
•
78m
Ω High Side MOSFET
•
2.5A Continuous Current
•
Soft Start Time Programmable by External
Capacitor
•
Wide Supply Voltage Range: 4.5V to 24V
•
Current Limit and Short Circuit Protections
•
Under Voltage Lockout Protection
•
Over-temperature Protection
•
Logic Level Enable Input
•
Lead Free and Green Devices Available (RoHS
Compliant)
The APL3546 is a power-distribution switch with some
protection functions that can deliver current up to 2.5A.
The device incorporates a 78m
Ω N-channel MOSFET
power switch that is controlled by an enable logic pin and
has a SS pin dedicated to soft start ramp-up rate control
that can be used in application where the inrush current
is concerned.
Features
General Description
Applications
•
TFT LCD Modules
•
Notebook and Desktop Computers
•
USB Ports
•
High-side Power Protection Switches
The device integrates some protection features, includ-
ing current limit protection, short circuit protection, over-
temperature protection and UVLO. The current limit and
short circuit protection can protect down-stream devices
from catastrophic failure by limiting the output current at
current limit threshold during over-load or short circuit
events. When VOUT drops below V
IN-1V the devices limit
the current to a lower and safe level. The over-tempera-
ture protection function shuts down the N-channel
MOSFET power switch when the junction temperature
rises beyond 150oC and will automatically turns on the
power switch when the temperature drops by 20oC. The
UVLO function keeps the power switch in off state until
there is a valid input voltage present.
Simplified Application Circuit
VIN
VOUT
GND
APL3546
SS
EN


Similar Part No. - APL3546

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3546A ANPEC-APL3546A Datasheet
329Kb / 17P
Power -Distribution Switches with Soft Start
APL3546LAKAI-TRG ANPEC-APL3546LAKAI-TRG Datasheet
329Kb / 17P
Power -Distribution Switches with Soft Start
APL3546LAQBI-TRG ANPEC-APL3546LAQBI-TRG Datasheet
329Kb / 17P
Power -Distribution Switches with Soft Start
More results

Similar Description - APL3546

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3514 ANPEC-APL3514 Datasheet
328Kb / 21P
Power-Distribution Switches with Soft Start
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
Power-Distribution Switches with Soft Start
APL3546A ANPEC-APL3546A Datasheet
329Kb / 17P
Power -Distribution Switches with Soft Start
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
With internal Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com