Electronic Components Datasheet Search
  English  ▼

X  

APL3546 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3546
Description  Power -Distribution Switches with Soft Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3546 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3546 Datasheet HTML 1Page - Anpec Electronics Coropration APL3546 Datasheet HTML 2Page - Anpec Electronics Coropration APL3546 Datasheet HTML 3Page - Anpec Electronics Coropration APL3546 Datasheet HTML 4Page - Anpec Electronics Coropration APL3546 Datasheet HTML 5Page - Anpec Electronics Coropration APL3546 Datasheet HTML 6Page - Anpec Electronics Coropration APL3546 Datasheet HTML 7Page - Anpec Electronics Coropration APL3546 Datasheet HTML 8Page - Anpec Electronics Coropration APL3546 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
APL3546
www.anpec.com.tw
2
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN to GND Voltage
-0.3 ~ 26
V
VOUT
VOUT to GND Voltage
-0.3 ~ 26
V
VEN
EN to GND Voltage
-0.3 ~ 7
V
VSS
SS to GND Voltage
-0.3 ~ 7
V
IOUT
Continuous output current, IOUT
Internally Limited
A
TJ
Maximum Junction Temperature
-40 ~ 150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature (10 Seconds)
260
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Pin Configuration
VIN
SS
GND
NC
1
2
3
4
VOUT
NC
EN
NC
8
7
6
5
APL3546
SOP-8 Top
APL3546
TDFN2x2-6
(Top View)
VOUT
EN
NC
1
6
5
4
3
2
VIN
GND
SS
VIN
SS
GND
NC
1
2
3
4
VOUT
NC
EN
NC
8
7
6
5
APL3546
SOP-8P Top
9
GND
APL3546
Package Code
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
Handling
Code
Temperature Range
Package
Code
G : Halogen and Lead Free Device
Assembly Material
APL3546 QB:
X - Date Code
K : SOP-8
X - Date Code
L46
APL3546 K:
APL3546
QB : TDFN 2×2-6
.
XXXXX
.
X
KA : SOP-8P
X - Date Code
APL3546 KA:
APL3546
XXXXX
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com