Electronic Components Datasheet Search
  English  ▼

X  

APL3546 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3546
Description  Power -Distribution Switches with Soft Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3546 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3546 Datasheet HTML 1Page - Anpec Electronics Coropration APL3546 Datasheet HTML 2Page - Anpec Electronics Coropration APL3546 Datasheet HTML 3Page - Anpec Electronics Coropration APL3546 Datasheet HTML 4Page - Anpec Electronics Coropration APL3546 Datasheet HTML 5Page - Anpec Electronics Coropration APL3546 Datasheet HTML 6Page - Anpec Electronics Coropration APL3546 Datasheet HTML 7Page - Anpec Electronics Coropration APL3546 Datasheet HTML 8Page - Anpec Electronics Coropration APL3546 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
APL3546
www.anpec.com.tw
4
Pin Description
FUNCTION
NO.
SOP-8
SOP-8P
TDFN2x2-6
NAME
1
1
1
VIN
Power Supply Input. Connect this pin to external DC supply.
2
2
2
SS
Soft Start Control Pin. Connect a capacitor to GND to control the soft start rate. If
the SS pin is left floating the soft start time is 2ms when VIN=12V.
3
3,9
3
GND
GND
4
4
-
NC
No connection.
5
5
-
NC
No connection.
6
6
4
EN
Enable Input. Pull this pin to high to enable the device and pull this pin to low to
disable device. The EN pin cannot be left floating.
7
7
5
NC
No connection.
8
8
6
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When EN is low
the output voltage is discharged by an internal resistor.
Electrical Characteristics(Cont.)
Unless otherwise specified, these specifications apply over V
IN=12V, VEN =5V. Typical values are at TA=25
oC.
APL3546
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EN INPUT PIN
VIH
Input Logic High
VIN=4.5V to 24V
2
-
-
V
VIL
Input Logic Low
VIN=4.5V to 24V
-
-
0.6
V
Input Current
-
-
1
µA
VOUT Discharge Resistance
VEN=0V
-
950
-
Ω
tD(ON)
Turn on Delay Time
-
300
-
µs
tD(OFF)
Turn off Delay Time
-
3
-
µs
OVERT-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
TJ rising
-
150
-
°C
Over-Temperature Hysteresis
-
20
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com