Electronic Components Datasheet Search
  English  ▼

X  

APL3546 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3546
Description  Power -Distribution Switches with Soft Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3546 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3546 Datasheet HTML 2Page - Anpec Electronics Coropration APL3546 Datasheet HTML 3Page - Anpec Electronics Coropration APL3546 Datasheet HTML 4Page - Anpec Electronics Coropration APL3546 Datasheet HTML 5Page - Anpec Electronics Coropration APL3546 Datasheet HTML 6Page - Anpec Electronics Coropration APL3546 Datasheet HTML 7Page - Anpec Electronics Coropration APL3546 Datasheet HTML 8Page - Anpec Electronics Coropration APL3546 Datasheet HTML 9Page - Anpec Electronics Coropration APL3546 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
APL3546
www.anpec.com.tw
6
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=12V, TA= 25
oC unless otherwise specified.
Power On
CH1: Vin (5V/Div)
Time: 5ms/Div
CH2: Vout (5V/Div)
CH3: Iin (0.2A/Div)
3
2
1
Vin=12V, Cin=1uF, Cout=10uF, Rout=30
Ω
Power Off
3
2
1
CH1: Vin (5V/Div)
Time: 10ms/Div
CH2: Vout (5V/Div)
CH3: Iin (0.2A/Div)
Vin=12V, Cin=1uF, Cout=10uF, Rout=30
Ω
Turn Off Response
3
2
1
CH1: EN (2V/Div)
Time: 500us/Div
CH2: Vout (5V/Div)
CH3: Iin (0.2A/Div)
Vin=12V, Cin=1uF, Cout=10uF, Rout=30
Ω
Turn On Response
3
2
1
CH1: EN (2V/Div)
Time: 500us/Div
CH2: Vout (5V/Div)
CH3: Iin (0.2A/Div)
Vin=12V, Cin=1uF, Cout=10uF, Rout=30
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com