Electronic Components Datasheet Search
  English  ▼

X  

APL3546 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3546
Description  Power -Distribution Switches with Soft Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3546 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3546 Datasheet HTML 1Page - Anpec Electronics Coropration APL3546 Datasheet HTML 2Page - Anpec Electronics Coropration APL3546 Datasheet HTML 3Page - Anpec Electronics Coropration APL3546 Datasheet HTML 4Page - Anpec Electronics Coropration APL3546 Datasheet HTML 5Page - Anpec Electronics Coropration APL3546 Datasheet HTML 6Page - Anpec Electronics Coropration APL3546 Datasheet HTML 7Page - Anpec Electronics Coropration APL3546 Datasheet HTML 8Page - Anpec Electronics Coropration APL3546 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
APL3546
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
4.5 ~ 24
V
IOUT
VOUT Output Current
0 ~2.5
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=12V, VEN =5V. Typical values are at TA=25
oC.
APL3546
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
No load, VEN=0V
-
30
50
µA
VIN Supply Current
No load, VEN=5V
-
250
400
µA
Leakage Current
VOUT=GND , VEN=0V
-
-
1
µA
POWER SWITCH
IOUT=2A, TA= 25
oC ,V
IN=12V
-
78
90
m
Ω
RDS(ON)
Power Switch On Resistance
IOUT=2A, VIN=12V
-
78
100
m
Ω
UNDER-VOLTAGE LOCKOUT
VIN UVLO Threshold Voltage
VIN rising
3.3
-
3.9
V
VIN UVLO Hysteresis
-
0.2
-
V
CURRENT LIMIT AND SHORT CIRCUIT PROTECTIONS
ILIM
Current Limit Threshold
VIN=4.5V to 24V
4
5
6
A
ISHORT
Short Circuit Output Current
VIN=4.5V to 24V
-
-
1.2
A
SOFT-START CONTROL PIN
ISS
SS Current
VIN=12V,
1
2
3
µA
VIN=12V, No load, COUT=1uF, CSS =1nF
-
0.5
-
ms
tSS
Soft-Start Time
VIN=12V, No load, COUT=1uF, CSS =open
1
2
3
ms
Soft-Star Discharge Resistance
VEN=0V
-
300
-
Ω
Thermal Characteristics (Note 2)
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
SOP-8
SOP-8P
TDFN2x2-6
130
75
130
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com