Electronic Components Datasheet Search
  English  ▼

X  

APL5155 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5155
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5155 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5155 Datasheet HTML 3Page - Anpec Electronics Coropration APL5155 Datasheet HTML 4Page - Anpec Electronics Coropration APL5155 Datasheet HTML 5Page - Anpec Electronics Coropration APL5155 Datasheet HTML 6Page - Anpec Electronics Coropration APL5155 Datasheet HTML 7Page - Anpec Electronics Coropration APL5155 Datasheet HTML 8Page - Anpec Electronics Coropration APL5155 Datasheet HTML 9Page - Anpec Electronics Coropration APL5155 Datasheet HTML 10Page - Anpec Electronics Coropration APL5155 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL5155
www.anpec.com.tw
7
Operating Waveforms (Cont.)
The test condition is T
A=25
oC unless otherwise specified.
Load Transient Response
Line Transient Response
CH1: V
OUT, 100mV/Div, offset=3.3V
CH2: I
OUT, 100mA/Div, DC
TIME: 50
µs/Div
V
IN=12V, VOUT=3.3V, CIN=1µF/X7R,
C
OUT=2.2µF/X7R, IOUT=3-150-3mA,
Falling/Rising Slew Rate=1A/
µs
CH1: V
IN, 1V/Div, Offset=11.5V
CH2: V
OUT, 50mV/Div, Offset=3.3V
TIME: 50
µs/Div
V
IN=11.5-12.5-11.5V, Falling/Rising=1µs,
V
OUT=3.3V, IOUT=10mA, CIN=1µF/X7R,
C
OUT=2.2µF/X7R
Pin Description
PIN
NO.
SOT-23-5
SOT-89
SOP-8P
NAME
FUNCTION
1
2
8
VIN
Voltage Supply Input Pin.
2
1
7
GND
Ground.
3
-
5
EN
Enable Input Pin. Logic low=shutdown; logic high=enable.
4
-
4
NC/ADJ
NC: No Connection (fixed output voltage version).
ADJ: Output Voltage Feedback Pin (adjust output voltage version).
5
3
1
VOUT
Regulator Output Pin.
-
-
2, 3, 6
NC
No Connection.
V
OUT
1
I
OUT
2
1
2
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com