Electronic Components Datasheet Search
  English  ▼

X  

APL5155 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5155
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5155 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5155 Datasheet HTML 1Page - Anpec Electronics Coropration APL5155 Datasheet HTML 2Page - Anpec Electronics Coropration APL5155 Datasheet HTML 3Page - Anpec Electronics Coropration APL5155 Datasheet HTML 4Page - Anpec Electronics Coropration APL5155 Datasheet HTML 5Page - Anpec Electronics Coropration APL5155 Datasheet HTML 6Page - Anpec Electronics Coropration APL5155 Datasheet HTML 7Page - Anpec Electronics Coropration APL5155 Datasheet HTML 8Page - Anpec Electronics Coropration APL5155 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL5155
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Rating
Unit
VIN, VEN
VIN, EN to GND Voltage
- 0.3 to 27
V
VOUT, VADJ
VOUT, ADJ to GND Voltage
- 0.3 to 27
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 to 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note 2)
SOT-23-5
SOT-89
SOP-8P
235
180
50
oC/W
θ
JC
Thermal Resistance-Junction to Ambient
(Note 2)
SOT-23-5
SOT-89
SOP-8P
130
38
20
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Package Code
B : SOT-23-5
D : SOT-89
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Voltage Code
33 : 3.3V
50 : 5.0V
Blank : Adjustable Version
Assembly Material
G : Halogen and Lead Free Device
APL5155
Handling Code
Temperature Range
Package Code
APL5155 B :
X - Date Code
Assembly Material
APL5155 D :
XXXXX - Date Code
APL5155
XXXXX
APL5155 KA :
XXXXX - Date Code
APL5155
XXXXX
L55X
Voltage Code
APL5155 33B :
X - Date Code ; R - 3.3V
55RX
APL5155 50B :
X - Date Code ; Z - 5.0V
55ZX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com