Electronic Components Datasheet Search
  English  ▼

X  

APL5155 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5155
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5155 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5155 Datasheet HTML 2Page - Anpec Electronics Coropration APL5155 Datasheet HTML 3Page - Anpec Electronics Coropration APL5155 Datasheet HTML 4Page - Anpec Electronics Coropration APL5155 Datasheet HTML 5Page - Anpec Electronics Coropration APL5155 Datasheet HTML 6Page - Anpec Electronics Coropration APL5155 Datasheet HTML 7Page - Anpec Electronics Coropration APL5155 Datasheet HTML 8Page - Anpec Electronics Coropration APL5155 Datasheet HTML 9Page - Anpec Electronics Coropration APL5155 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL5155
www.anpec.com.tw
6
Operating Waveforms
The test condition is T
A=25
oC unless otherwise specified.
Turn On Response
CH1: V
EN, 5V/Div, DC
TIME: 0.5ms/Div
V
IN=12V, VOUT=3.3V, ROUT=33Ω,
C
IN=1µF/X7R, COUT=2.2µF/X7R
CH2: V
OUT, 1V/Div, DC
Turn Off Response
TIME: 0.2ms/Div
CH2: V
OUT, 1V/Div, DC
CH1: V
EN, 5V/Div, DC
V
IN=12V, VOUT=3.3V, ROUT=33Ω,
C
IN=1µF/X7R, COUT=2.2µF/X7R
Power On
TIME:5ms/Div
CH1: V
IN, 2V/Div, DC
CH2: V
OUT, 1V/Div, DC
V
IN=12V, VOUT=3.3V, ROUT=33Ω,
C
IN=1µF/X7R, COUT=2.2µF/X7R
Power Off
TIME:5ms/Div
CH2: V
OUT, 1V/Div, DC
CH1: V
IN, 2V/Div, DC
V
IN=12V, VOUT=3.3V, ROUT=33Ω,
C
IN=1µF/X7R, COUT=2.2µF/X7R
1
2
V
EN
V
OUT
1
V
EN
V
OUT
2
V
OUT
V
IN
1,2
V
IN
V
OUT
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com