Electronic Components Datasheet Search
  English  ▼

X  

APL5155 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5155
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5155 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5155 Datasheet HTML 1Page - Anpec Electronics Coropration APL5155 Datasheet HTML 2Page - Anpec Electronics Coropration APL5155 Datasheet HTML 3Page - Anpec Electronics Coropration APL5155 Datasheet HTML 4Page - Anpec Electronics Coropration APL5155 Datasheet HTML 5Page - Anpec Electronics Coropration APL5155 Datasheet HTML 6Page - Anpec Electronics Coropration APL5155 Datasheet HTML 7Page - Anpec Electronics Coropration APL5155 Datasheet HTML 8Page - Anpec Electronics Coropration APL5155 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL5155
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
•
Wide Input Voltage Range: 5.4V to 25V
•
Ultra Low Ground Current: 10
µA
•
High Output Accuracy: ±2.5%
•
Excellent Load/Line Transient
•
Low Dropout Voltage: 750mV @ 150mA
•
Fixed Output Voltages for 5V/3.3V or Adjustable
Voltage
•
Built-In Current-Limit Protection
•
Built-In Over-Temperature Protection
•
Zero Shutdown Current
•
Internal Soft-Start Function
•
POR Scheme to Prevent VOUT Spike
•
SOT-23-5, SOT-89, and SOP-8P Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
General Description
The APL5155 is a low ground current linear regulator,
which operates with input voltage from 5.4V to 25V and
delivers output current up to 150mA. Typical dropout volt-
age is only 750mV at 150mA loading. This combination
of the high voltage and the low ground current makes the
APL5155 ideal for USB and portable devices, using 2-
cell or 3-cell Li-Ion battery inputs.
The APL5155 is stable with aluminum, tantalum, and
ceramic capacitors. It requires a 1
µF or greater capacitor
for stability.
The APL5155 has many protection functions, including
over-temperature, current-limit and short circuit current
limit protections, which prevent the device from thermal
over-load and current over-load.
The APL5155 regulator is available in miniature SOT-23-
5, SOT-89, and SOP-8P packages.
•
USB Power Supply
•
Keep-Alive Supply in Notebook and Portable
Computers
•
Logic Supply for High-Voltage Batteries
•
Battery Powered Systems
Pin Configuration
VOUT
NC
NC
NC/ADJ
1
2
3
4
VIN
GND
NC
EN
8
7
6
5
= Thermal Pad
(connected to GND plane for better heat dissipation)
SOP-8P
(Top View)
EN 3
4 NC/ADJ
VIN 1
GND 2
5 VOUT
SOT-23-5
(Top View)
VIN
VOUT
GND
2
1
3
TAB : VIN
SOT-89
(Top View)


Similar Part No. - APL5155

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533KAI-TRG ANPEC-APL515533KAI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515550BI-TRG ANPEC-APL515550BI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515550DI-TRG ANPEC-APL515550DI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results

Similar Description - APL5155

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
logo
Anpec Electronics Corop...
APL5156 ANPEC-APL5156 Datasheet
309Kb / 18P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155E ANPEC-APL5155E Datasheet
232Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com