Electronic Components Datasheet Search
  English  ▼

X  

APL5155 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5155
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5155 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5155 Datasheet HTML 1Page - Anpec Electronics Coropration APL5155 Datasheet HTML 2Page - Anpec Electronics Coropration APL5155 Datasheet HTML 3Page - Anpec Electronics Coropration APL5155 Datasheet HTML 4Page - Anpec Electronics Coropration APL5155 Datasheet HTML 5Page - Anpec Electronics Coropration APL5155 Datasheet HTML 6Page - Anpec Electronics Coropration APL5155 Datasheet HTML 7Page - Anpec Electronics Coropration APL5155 Datasheet HTML 8Page - Anpec Electronics Coropration APL5155 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL5155
www.anpec.com.tw
3
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN to GND Voltage
5.4 to 25
V
IOUT
VOUT Source Current
0 to 150
mA
VOUT
Adjustable Output Voltage
1.24 to 20
V
VEN
EN Pin Input Voltage
0 to 25
V
COUT
Output Capacitance
1 to 4.7
µF
ESR
The ESR of Output Capacitance
5 to 50
m
Ω
TA
Ambient Temperature
-40 to 85
oC
TJ
Junction Temperature
-40 to 125
oC
Note 3: Refer to the typical application circuit.
Electrical Characteristics
Unless otherwise noted, these specifications apply over V
IN=VOUT+3V, CIN=1µF, COUT=2.2µF, TA=-40 to 85
oC.
APL5155
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
POWER-ON-RESET (POR) AND SUPPLY CURRENT
VIN
Input Voltage
5.4
-
25
V
Rising VIN POR Threshold
4.5
5
5.25
V
VIN POR Hysteresis
-
200
-
mV
IOUT=0mA, EN=high, Adj mode
-
10
20
IQ
Quiescent Current
IOUT=0mA, EN=high, Fix Mode
-
15
25
µA
IQSHDN
Shutdown Supply Current
EN=Low, VIN=19V
-
1
3
µA
REFERENCE AND OUTPUT VOLTAGE
VREF
Reference Voltage
Adjustable Voltage Version
-
1.24
-
V
VREF Voltage Accuracy
IOUT=10mA, TA=25
oC
-2.5
-
2.5
%
VREF Temperature Coefficient
TJ=-40 to 125
oC
-
50
-
ppm
Fixed Voltage Version
-
3.3
-
VOUT
Output Voltage
Fixed Voltage Version
-
5.0
-
V
Output Voltage Accuracy
IOUT=10mA, TA=25
oC
-2.5
-
2.5
%
IOUT
Load Current Range
0
-
150
mA
REGLINE Line Regulation
VOUT+3V<VIN<25V, IOUT=1mA, VOUT=5V
-
0.1
0.5
%
REGLOAD Load Regulation
0.1mA<IOUT<150mA, VOUT=5V
-
0.6
1.4
%
IOUT=30mA, VOUT=20V
-
160
240
IOUT=100mA, VOUT=20V
-
500
750
IOUT=150mA, VOUT=20V
-
750
1125
VDROP
Dropout Voltage
IOUT=10mA, VOUT=5V
-
150
225
mV
PROTECTIONS
TOTP
Over-Temperature Threshold
TJ rising
-
150
-
°C
Over-Temperature Hysteresis
-
30
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com