Electronic Components Datasheet Search
  English  ▼

X  

APL5522 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5522
Description  Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5522 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5522 Datasheet HTML 1Page - Anpec Electronics Coropration APL5522 Datasheet HTML 2Page - Anpec Electronics Coropration APL5522 Datasheet HTML 3Page - Anpec Electronics Coropration APL5522 Datasheet HTML 4Page - Anpec Electronics Coropration APL5522 Datasheet HTML 5Page - Anpec Electronics Coropration APL5522 Datasheet HTML 6Page - Anpec Electronics Coropration APL5522 Datasheet HTML 7Page - Anpec Electronics Coropration APL5522 Datasheet HTML 8Page - Anpec Electronics Coropration APL5522 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2008
APL5522
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain
the latest version of relevant information to verify before placing orders.
Features
General Description
Applications
•
Desktop Computer
•
Networking Systems
•
Optical Data Storage Systems
•
Fixed Output Voltage :
V
OUT1=3.3V/500mA (within Maximum Power
Dissipation)
V
OUT2=2.5V/500mA (within Maximum Power
Dissipation)
•
Low Dropout Voltage (Defined as the Minimum
Input/Output Voltage Difference):
Output 1 Dropout Voltage : 550mV (at 500mA)
Output 2 Dropout Voltage : 630mV (at 500mA)
•
Stable with 4.7
µF Output Capacitor(at V
OUT1 )
Stable with 4.7
µF Output Capacitor(at V
OUT2 )
•
No Protection Diodes Needed
•
Built-In Thermal Protection
•
Built-In Current-Limit Protection
•
Fast transient Response
•
Short Setting Time
•
SOP-8 and SOP-8P Packages Available
•
Lead Free and Green Devices Available
(RoHS Compliant)
Pin Configuration
= Thermal Pad
(The thermal pad of SOP-8P has to be connected
to the GND plane to get better heat dissipation
than SOP-8.)
SOP-8 Top View
SOP-8P Top View
V
IN
GND
1
2
3
8
6
4
7
5
GND
V
OUT2
V
IN
V
OUT1
GND
GND
1
2
3
8
6
4
7
5
V
IN
GND
V
OUT2
V
IN
V
OUT1
NC
NC
NC
The APL5522 is a dual low dropout regulator with output
1 with 3.3V/0.5A and output2 with 2.5V/0.5A output
capability. In order to obtain lower dropout voltage and
faster transient response, which is critical for low voltage
applications, the APL5522 has been optimized. V
OUT1 typi-
cal dropout voltage is 550mV at 500mA loading and V
OUT2
typical dropout voltage is 630mV at 500mA loading. Cur-
rent limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal lim-
iting provides protection against any combination of over-
load that would create excessive junction temperatures.
The APL5522 regulator comes in a SOP-8 and SOP-8P
packages.


Similar Part No. - APL5522

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521K ANPEC-APL5521K Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TR ANPEC-APL5521KC-TR Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TRL ANPEC-APL5521KC-TRL Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TU ANPEC-APL5521KC-TU Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
More results

Similar Description - APL5522

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
Dual Channel 500mA/500mA Regulator Reset IC
logo
SHANGHAI BELLING CO., L...
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
Dual 500mA High PSRR Linear Regulator
logo
Anpec Electronics Corop...
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
Dual Channel 500mA/500mA Regulator Reset IC
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
500mA Linear Regulator
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
500mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com