Electronic Components Datasheet Search
  English  ▼

X  

APL5522 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5522
Description  Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5522 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5522 Datasheet HTML 1Page - Anpec Electronics Coropration APL5522 Datasheet HTML 2Page - Anpec Electronics Coropration APL5522 Datasheet HTML 3Page - Anpec Electronics Coropration APL5522 Datasheet HTML 4Page - Anpec Electronics Coropration APL5522 Datasheet HTML 5Page - Anpec Electronics Coropration APL5522 Datasheet HTML 6Page - Anpec Electronics Coropration APL5522 Datasheet HTML 7Page - Anpec Electronics Coropration APL5522 Datasheet HTML 8Page - Anpec Electronics Coropration APL5522 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2008
APL5522
www.anpec.com.tw
3
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature, C
IN=1µF, COUT1=COUT2=4.7µF, TJ=0 to 150°C. Typical values
refer to T
J=25°C.
1
APL5522
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IQ
Quiescent Current
IOUT1=300mA, IOUT2=300mA
-
900
1000
µA
IOUT1=0mA, IOUT2=0mA
-
100
200
OUTPUT1 (500mA)
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX
VOUT
-2
%
3.3
VOUT
+2
%
V
ILIMIT
Circuit Current Limit
VIN=VOUT+1V
-
800
-
mA
IOUT
Load Current
VIN=VOUT+1V
500
-
-
mA
REGLINE
Line Regulation
VOUT+1V< VCC<6.0V, IOUT=1mA
-
4
10
mV
REGLOAD
Load Regulation
VIN =VOUT+1V, 0mA< IOUT < IMAX
-
26
40
mV %
Load Transient
VIN= VOUT+1V, IOUT=1mA-500mA in 1
µs
-
150
250
mV
VDROP
Dropout Voltage
(Note2)
IOUT =500mA
-
0.6
0.7
V
COUT
Output Capacitor
-
4.7
-
µF
ESR
0.01
0.1
1
Ohm
OUTPUT2 (500mA)
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX
VOUT
-2
%
2.5
VOUT
+2
%
V
ILIMIT
Circuit Current Limit
VIN=VOUT+1V
-
800
-
mA
IOUT
Load Current
VIN=VOUT+1V
500
-
-
mA
REGLINE
Line Regulation
VOUT+1V< VCC<6.0V, IOUT=1mA
-
4
10
mV
REGLOAD
Load Regulation
VIN =VOUT+1V, 0mA< IOUT < IMAX
-
26
40
mV
%
Load Transient
VIN= VOUT+1V, IOUT=1mA-500mA in 1
µs
-
150
250
mV
VDROP
Dropout Voltage
(Note2)
IOUT =500mA
-
0.6
0.7
V
COUT
Output Capacitor
-
4.7
-
µF
ESR
0.01
0.1
1
Ohm
Note 2 : Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT+1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com