Electronic Components Datasheet Search
  English  ▼

X  

APL5522 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5522
Description  Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5522 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5522 Datasheet HTML 1Page - Anpec Electronics Coropration APL5522 Datasheet HTML 2Page - Anpec Electronics Coropration APL5522 Datasheet HTML 3Page - Anpec Electronics Coropration APL5522 Datasheet HTML 4Page - Anpec Electronics Coropration APL5522 Datasheet HTML 5Page - Anpec Electronics Coropration APL5522 Datasheet HTML 6Page - Anpec Electronics Coropration APL5522 Datasheet HTML 7Page - Anpec Electronics Coropration APL5522 Datasheet HTML 8Page - Anpec Electronics Coropration APL5522 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2008
APL5522
www.anpec.com.tw
5
Time (100
µs/div)
Output1 Load Transient
Output1 Line Transient
VIN=4.5V to 5.5V
(1V/div)
Time (100
µs/div)
VOUT1(20mV/div)
VOUT(100mV/div)
IL1=1mA~500mA
COUT1=4.7
µF(Aluminum)
Tr=1
µs
VOUT2=(200mV/div)
IL2=1mA~500mA
COUT2=4.7
µF(Aluminum)
Tr=1
µs
Time (100
µs/div)
Time (100
µs/div)
CIN=1
µF
COUT1=4.7
µF
IOUT=10mA
VIN=4.5V to 5.5V
(1V/div)
VOUT2(20mV/div)
CIN=1
µF
COUT2=4.7
µF
IOUT=10mA
Output2 Load Transient
Output2 Line Transient
Typical Operating Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com