Electronic Components Datasheet Search
  English  ▼

X  

APL5522 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5522
Description  Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5522 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5522 Datasheet HTML 1Page - Anpec Electronics Coropration APL5522 Datasheet HTML 2Page - Anpec Electronics Coropration APL5522 Datasheet HTML 3Page - Anpec Electronics Coropration APL5522 Datasheet HTML 4Page - Anpec Electronics Coropration APL5522 Datasheet HTML 5Page - Anpec Electronics Coropration APL5522 Datasheet HTML 6Page - Anpec Electronics Coropration APL5522 Datasheet HTML 7Page - Anpec Electronics Coropration APL5522 Datasheet HTML 8Page - Anpec Electronics Coropration APL5522 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2008
APL5522
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6
V
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
RTH,JA
Thermal Resistance – Junction to Ambient
SOP-8
SOP-8P
120
65
°C/W
RTH,JC
Thermal Resistance – Junction to Case
SOP-8
SOP-8P
30
5
°C/W
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, C
IN=1µF, COUT1=COUT2=4.7µF, TJ=0 to 150°C. Typical values
refer to T
J=25°C.
APL5522
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
-
6
V
ISHORT
Short Current
VOUT=0V
-
50
-
mA
PSRR
Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
COUT=10nf
45
55
-
dB
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
APL5522
Handling Code
Temperature Range
Package Code
Package Code
K : SOP-8
KA : SOP-8P
Operating Ambient Temperature Range
C : 0 to 70 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APL5522 K /KA:
APL5522
XXXXX
XXXXX - Date Code
Assembly Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com