Electronic Components Datasheet Search
  English  ▼

X  

APL5522 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5522
Description  Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5522 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5522 Datasheet HTML 2Page - Anpec Electronics Coropration APL5522 Datasheet HTML 3Page - Anpec Electronics Coropration APL5522 Datasheet HTML 4Page - Anpec Electronics Coropration APL5522 Datasheet HTML 5Page - Anpec Electronics Coropration APL5522 Datasheet HTML 6Page - Anpec Electronics Coropration APL5522 Datasheet HTML 7Page - Anpec Electronics Coropration APL5522 Datasheet HTML 8Page - Anpec Electronics Coropration APL5522 Datasheet HTML 9Page - Anpec Electronics Coropration APL5522 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2008
APL5522
www.anpec.com.tw
6
100mil
20mil
20mil
0
100
200
300
400
500
600
700
4.5
4.75
5
5.25
5.5
5.75
6
2.20
2.30
2.40
2.50
2.60
2.70
2.80
-40
-20
0
20
40
60
80
100 120 140
Output2 Voltage vs. Temperature
Temperature (°C)
IOUT2=0mA
Output1 Voltage vs. Temperature
3.00
3.10
3.20
3.30
3.40
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
IOUT1=0mA
Safe Operating Area of SOP-8P
V
IN( V )
TA=25°C
TA=55°C
TA=85°C
Mounted on recommend mimimum footprint(RθJA=65°C/W)
, 2OZ Copper PCB area
.(TJ,MAX=150°C )
Typical Operating Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com