Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7095 Datasheet HTML 3Page - Anpec Electronics Coropration APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration APW7095 Datasheet HTML 10Page - Anpec Electronics Coropration APW7095 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2008
APW7095/A
www.anpec.com.tw
7
Pin Description
PIN
NO.
NAME
I/O
FUNCTION
1
SWOUT
O
Output Switch Control Circuit Output Pin.
2
SWIN
I
Output Switch Control Circuit Input Pin.
3
FB6
O
CH6 Error Amplifier Output Pin.
4
IN6
I
CH6 Inverted Input Pin of Error Amplifier.
5
CIN6
I
CH6 Soft-Start Capacitor Connection Pin.
Leave this pin “Open” to disable the soft-start function.
6
DTC5
I
CH5 Dead Time Control Pin.
Connect this pin to VREF directly when the dead-time control is not used.
7
FB5
O
CH5 Error Amplifier Output Pin.
8
IN5
I
CH5 Inverted Input Pin of Error Amplifier.
9
INA4
I
CH4 Inverting Amplifier Input Pin.
10
OUTA4
O
CH4 Inverting Amplifier Output Pin.
Connect this pin to INA4 when the inverting amplifier is not used.
11
FB4
O
CH4 Error Amplifier Output Pin.
12
IN4
I
CH4 Inverted Input Pin of Error Amplifier.
13
INS4
I
CH4 Inverted Input Pin of Short Detection Comparator.
14
DTC4
I
CH4 Dead Time Control Pin.
Connect this pin to VREF directly when the dead-time control is not used.
15
CS
-
CH1 to CH5 Soft-Start Capacitor Connection Pin.
Leave this pin “Open” to disable the soft-start function.
16
VREF
O
Reference Voltage Output Pin.
17
GND
P
Reference Voltage and Control Circuit Ground Pin.
18
CSCP
-
Short-Circuit Detection Capacitor Connection Pin.
Connect this pin to GND with the shortest distance to disable the timer-latch short-circuit
protection circuit.
19
VCC
P
Reference Voltage and Control Circuit Power Supply Pin.
20
CTL
I
Power Supply and CH6 Control Pin.
“H” Level: Operation Mode.
“L” Level: Standby Mode
21
CTL1,2
I
CH1 and CH2 Control Pin.
“H” Level: Operation Mode.
“L” Level: OFF Mode
22
CTL3
I
CH3 Control Pin.
“H” Level: Operation Mode.
“L” Level: OFF Mode
23
CTL4
I
CH4 Control Pin.
“H” Level: Operation Mode.
“L” Level: OFF Mode
24
CTL5
I
CH5 Control Pin.
“H” Level: Operation Mode.
“L” Level: OFF Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com