Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW7095 Datasheet HTML 14Page - Anpec Electronics Coropration APW7095 Datasheet HTML 15Page - Anpec Electronics Coropration APW7095 Datasheet HTML 16Page - Anpec Electronics Coropration APW7095 Datasheet HTML 17Page - Anpec Electronics Coropration APW7095 Datasheet HTML 18Page - Anpec Electronics Coropration APW7095 Datasheet HTML 19Page - Anpec Electronics Coropration APW7095 Datasheet HTML 20Page - Anpec Electronics Coropration APW7095 Datasheet HTML 21Page - Anpec Electronics Coropration APW7095 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2008
APW7095/A
www.anpec.com.tw
18
Application Information (Cont.)
Dead-Time Setting (Cont.)
DTC1
VREF
R1
R2
VDTC
(%)
100
V
0.7
V
1.1
-
V
Duty
ON
DTC
(max)
⋅
=
REF
DTC
V
R2
R1
R2
(V)
V
⋅
+
=
where VREF is the output of the reference voltage (2.49V
typical) at VREF pin. The amplitude of the triangular waves
CT1 and CT2 are typically 0.7V from 1.1V to 1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com